Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB4 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-21
EOPF — End of Packet Detect Flag
This read only bit is set when a valid End-of-Packet sequence is detected on
the D+ and D– lines. Software must clear this flag by writing a logic 1 to the
EOPFR bit.
Reset clears this bit. Writing a logic 0 to EOPF has no effect.
1 =
End-of-Packet sequence has been detected
0 =
End-of-Packet sequence has not been detected
RESUMF — Resume Flag
This read only bit is set when USB bus activity is detected while the SUSPND
bit is set. Software must clear this flag by writing a logic 1 to the RESUMFR bit.
Reset clears this bit. Writing a logic 0 to RESUMF has no effect.
1 =
USB bus activity has been detected
0 =
No USB bus activity has been detected
RESUMFR — Resume Flag Reset
Writing a logic 1 to this write only bit will clear the RESUMF bit if it is set. Writ-
ing a logic 0 to RESUMFR has no effect. Reset clears this bit.
TXD1IE — Endpoint 1/Endpoint 2 Transmit Interrupt Enable
This read/write bit enables the USB to generate an interrupt when the shared
Transmit Endpoint 1/Endpoint 2 interrupt flag (TXD1F) bit becomes set. Reset
clears this bit.
1 =
USB interrupts enabled for Transmit Endpoints 1 and 2
0 =
USB interrupts disabled for Transmit Endpoints 1 and 2
EOPIE — End of Packet Detect Interrupt Enable
This read/write bit enables the USB to generate an interrupt when the EOPF bit
becomes set. Reset clears this bit.
1 =
USB interrupts enabled for Transmit Endpoints 1 and 2
0 =
USB interrupts disabled for Transmit Endpoint 1 and 2
TXD1FR — Endpoint 1/Endpoint 2 Transmit Flag Reset
Writing a logic 1 to this write only bit will clear the TXD1F bit if it is set. Writing a
logic 0 to TXD1FR has no effect. Reset clears this bit.
EOPFR — End of Packet Flag Reset
Writing a logic 1 to this write only bit will clear the EOPF bit if it is set. Writing a
logic 0 to the EOPFR has no effect. Reset clears this bit.
10.5.4 USB Control Register 0 (UCR0)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UCR0
R
T0SEQ
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
$003B
W
reset:
00000000
Figure 10-23. USB Control Register 0 (UCR0)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com