Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB4 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-25
10.5.7 USB Status Register (USR)
RSEQ — Endpoint 0 Receive Sequence Bit
This read only bit indicates the type of data packet last received for Endpoint 0
(DATA0 or DATA1).
1 =
DATA1 Token received in last Endpoint 0 receive
0 =
DATA0 Token received in last Endpoint 0 receive
SETUP — SETUP Token Detect Bit
This read only bit indicates that a valid SETUP token has been received.
1 =
Last token received for Endpoint 0 was a SETUP token
0 =
Last token received for Endpoint 0 was not a SETUP token
RPSIZ3-RPSIZ0 — Endpoint 0 Receive Data Packet Size
These read only bits store the number of data bytes received for the last OUT
or SETUP transaction for Endpoint 0. These bits are not affected by reset.
10.5.8 USB Endpoint 0 Data Registers (UE0D0-UE0D7)
UE0RD7 - UE0RD0 — Endpoint 0 Receive Data Buffer
These read only bits are serially loaded with OUT token or SETUP token data
received over the USB’s D+ and D– pins.
UE0TD7 - UE0TD0 — Endpoint 0 Transmit Data Buffer
These write only buffers are loaded by software with data to be sent on the
USB bus on the next IN token directed at Endpoint 0.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
USR
R
RSEQ
SETUP
0
0
RPSIZ3
RPSIZ2
RPSIZ1
RPSIZ0
$003D
W
reset:
UUUUUUUU
= Unimplemented
Figure 10-26. USB Status Register (USR)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UE0D0
R
UE0RD7 UE0RD6 UE0RD5 UE0RD4 UE0RD3 UE0RD2 UE0RD1 UE0RD0
$0020
W
UE0TD7 UE0TD6 UE0TD5 UE0TD4 UE0TD3 UE0TD2 UE0TD1 UE0TD0
to
::::::::
::::::::
UE0D7
R
UE0RD7 UE0RD6 UE0RD5 UE0RD4 UE0RD3 UE0RD2 UE0RD1 UE0RD0
$0027
W
UE0TD7 UE0TD6 UE0TD5 UE0TD4 UE0TD3 UE0TD2 UE0TD1 UE0TD0
reset:
XXXXXXXX
Figure 10-27. USB Endpoint 0 Data Register (UE0D0-UE0D7)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com