Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB01-R-0 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # STB01-R-0
Description  STD and STB Markers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

STB01-R-0 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  STB01-R-0 Datasheet HTML 1Page - TE Connectivity Ltd STB01-R-0 Datasheet HTML 2Page - TE Connectivity Ltd STB01-R-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TE Document:
TTDS-094
Issue:
3
Date:
March 2014
©2014 Tyco Electronics Corporation, a TE Connectivity Ltd.
Company. All Rights Reserved
| Indicates Change
Class I Data Classification - See Policy TEC-02-04
Page 1 of 3
STD and STB Markers
STD and STB markers are individual snap on markers used to
identify wires and small cables permanently. STD markers are white
and yellow. STB markers are colour coded.
Markers are side-entry installed using an applicator wand, so
allowing identification after termination and/or installation. These
markers have an expanding profile which enable markers to
accommodate a wide range of wire and small cable sizes. Markers
are supplied chevron cut to ensure the legend remains aligned.
Manufactured using a zero halogen polyoxymethylene (POM)
compound, this marker lends itself to installations where a
permanent solution is required. Ideally suited for use in Energy
projects including power stations, oil refineries and offshore
platforms.
KEY FEATURES
TEMPERATURE RATING
Zero Halogen
Excellent Resistance to Burning
-
UL94 HB rated
UV stabilised material
-
On black marker with white legends
Resistant to key fluids, including those used
in Energy, Oil refineries, Aviation and Military
(defined by RW-2538)
Ten sizes for cable diameters 1.0 to 19.0mm
(0.04 to 0.75 inches)
Secure grip for positive fixing to cable
Applicator wands available for easy marker
installation
Applicator has a patented slit to prevent
over-expansion of the marker during
application
The high elasticity of the marker enables
material to be installed without damaging the
substrate
Operating Temperature Range -40°C to 106°C (-40°F to 223°F)
ENVIRONMENTAL
No Halogens, Sulphur, Nitrogen, Phosphorus and Cadmium sources
above trace level
Information and a downloadable declaration covering RoHS and
REACH compliance can be found at the ‘TE Product Compliance
Support
Centre’:
http://www.te.com/en/resources/product-compliance.html
SPECIFICATIONS / APPROVALS
TE Connectivity Standard
RW-2538
PART DESCRIPTION
STD - Standard marker
STD
06 W -4
Legend code
Color code
Size
Product family
APPLICATIONS
Post termination cable identification
Identification of small wires and cables,
including optical fibres.
Ideally suited for use in Energy projects
including power stations, oil refineries and
offshore platforms.
STB - Color coded marker
STB
06
-2
-4
Legend code
Color code
Size
Product family
Where possible, TE have tested product as a finished item, including the print. Operational tests are followed by an
assessment of mark adherence to validate fit form and function. Further details can be found in TE standard RW-2538.


Similar Part No. - STB01-R-0

ManufacturerPart #DatasheetDescription
logo
IBM
STB0210 IBM-STB0210 Datasheet
88Kb / 2P
STB0210x Digital Set-Top Box Intergrated Controllers
STB0210X IBM-STB0210X Datasheet
88Kb / 2P
STB0210x Digital Set-Top Box Intergrated Controllers
logo
Infinite Electronics In...
STB0612 FAIRVIEW-STB0612 Datasheet
443Kb / 3P
STB0612 DATA SHEET
REV 1.3
logo
STMicroelectronics
STB0899 STMICROELECTRONICS-STB0899 Datasheet
123Kb / 2P
Multistandard advance demodulator STB0899 Digital TV satellite set-top boxes
logo
Seoul Semiconductor
STB0A12D SEOUL-STB0A12D Datasheet
877Kb / 19P
Mid-Power LED
More results

Similar Description - STB01-R-0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6435 STMICROELECTRONICS-STV6435 Datasheet
337Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
logo
Integrated Circuit Syst...
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
PVR and STB Clock Source
Revision 051004
logo
Tyco Electronics
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
logo
Weidmuller
0251311696 WEIDMULLER-0251311696 Datasheet
294Kb / 3P
CableLine, Conductor and cable markers, 4 - 10mm
October 16, 2021
0252611653 WEIDMULLER-0252611653 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
1109190000 WEIDMULLER-1109190000 Datasheet
229Kb / 4P
THM, Conductor and cable markers, 39.7 mm
September 19, 2021
logo
Renesas Technology Corp
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
PRV AND STB CLOCK SOURCE
REV F 051310
logo
ABB
RC510 ABB-RC510 Datasheet
68Kb / 1P
RC510 markers
060103
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com