Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39210 Datasheet(PDF) 2 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 2 Page - Microchip Technology

  PD39210 Datasheet HTML 1Page - Microchip Technology PD39210 Datasheet HTML 2Page - Microchip Technology PD39210 Datasheet HTML 3Page - Microchip Technology PD39210 Datasheet HTML 4Page - Microchip Technology PD39210 Datasheet HTML 5Page - Microchip Technology PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Features Matrix
Feature
Description
PD69210
PD69220
PD39210
Support IEEE 802.3af/at
Y
Y
Y
Support IEEE 802.3bt
Y
Y
N
Support HDBaseT (POH)
Y
Y
N
Port control matrix
Port matrix control enables to ascribe each
physical port in the system to a logical port.
2p/4p
2p/4p
2p
Logical ports
A logical port can be built from 2×physical
ports or 1×physical port with PD69210 or
PD69220. A logical port can be built from
1×physical port with PD39210.
48
48
48
Max 2-pair power
45 W
45 W
30 W
Power management
The system supports three power
management modes: Class (LLDP),
Dynamic, and Static.
Per port
Per port
Per system
No LLDP
Power good
Used to select the system power bank to be
applied to the specific PoE manager.
Y
Y
Y
Port power limit
Configurable port power limit; when a port
exceeds the limit, it is automatically
disconnected.
Y
Y
Y
Interrupt pin
Interrupt out from PoE controller.
Y
Y
Y
Disable port pin
Shuts down all of the PoE ports in the
system.
Y
Y
Y
System OK indication
System validity indication. Provides a digital
output signal to the host or to control an LED
to indicate system status. When the system
is OK pin state is low.
Y
Y
Y
Legacy (reduced
capacitance) detection
Enables detection and powering of pre-
standard devices (PDs).
Per port
Per port
Per port
LED stream
A direct SPI interface to an external LED
stream.
Y
Y
Y
Fast PoE
Ability of a system to quickly boot and power
up ports without waiting for the host setting.
Y
Y
Y
Perpetual PoE
Ability of a PoE system to maintain PoE
power while upgrading host firmware or host
is in reset.
Y
Y
Y
Communication
Communication interface with host.
I2C or UART I2C or UART I2C or UART
Communications protocol Compatible with previous generations
controllers.
Y
Y
N
Pin-compatible with
PD69200
Able to use on a PCB that was designed for
the PD69200.
N
Y
N
MSL1 and RoHS
Y
Y
Y
PD39210
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com