Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39210 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD39210 Datasheet HTML 11Page - Microchip Technology PD39210 Datasheet HTML 12Page - Microchip Technology PD39210 Datasheet HTML 13Page - Microchip Technology PD39210 Datasheet HTML 14Page - Microchip Technology PD39210 Datasheet HTML 15Page - Microchip Technology PD39210 Datasheet HTML 16Page - Microchip Technology PD39210 Datasheet HTML 17Page - Microchip Technology PD39210 Datasheet HTML 18Page - Microchip Technology PD39210 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
under the QFN package using any method they deem appropriate. Any design should be subject to system validation
and qualification prior to commitment to mass production of field deployment. Use a 5 mil stencil.
4.4
Recommended Solder Reflow Information
RoHS 6/6
Pb-free 100% Matte Tin Finish
Package Peak Temperature for Solder Reflow (40 s maximum exposure)—260 °C (0 °C, –5 °C)
Table 4-3. Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TSmax to Tp)
3 °C/second max
3 °C/second max
Preheat
Temperature min (TSmin)
100 °C
150 °C
Temperature max (TSmax)
150 °C
200 °C
Time (tsmin to tsmax)
60 s to 120 s
60 s to 180 s
Time Maintained
Temperature (TL)
183 °C
217 °C
Time (tL)
60 s to 150 s
60 s to 150 s
Peak classification temperature (TP)
210 °C to 235 °C
240 °C to 255 °C
Time within 5 °C of actual peak temperature
(tp)
10 s to 30 s
20 s to 40 s
Ramp-down rate
6 °C/second max
6 °C/second max
Time 25 °C to peak temperature
6 minutes max
8 minutes max
Figure 4-5. Classification Reflow Profiles
Table 4-4. Pb-Free Process—Package Classification Reflow Temperatures
Package Thickness
Volume <350 mm3
Volume 350–2000 mm3
Volume >2000 mm3
Less than 1.6 mm1
260 + 0 °C
260 + 0 °C
260 + 0 °C
PD39210
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com