Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39210 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology PD39210 Datasheet HTML 10Page - Microchip Technology PD39210 Datasheet HTML 11Page - Microchip Technology PD39210 Datasheet HTML 12Page - Microchip Technology PD39210 Datasheet HTML 13Page - Microchip Technology PD39210 Datasheet HTML 14Page - Microchip Technology PD39210 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
4.
Package Information
This section provides the package information for the PD39210 device.
4.1
PD39210 Package Outline Drawing
The following figure shows the package drawing of PD39210 devices.
Figure 4-1. PD39210 Package Outline Drawing (32-Pin QFN 5 mm × 5 mm)
The following table lists the dimensions and measurements of the PD39210 package.
Table 4-1. PD39210 Package Outline Dimensions and Measurements
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
e
0.50 BSC
0.02 BSC
L
0.30
0.50
0.012
0.02
b
0.18
0.30
0.007
0.012
D2
3.50
3.70
0.138
0.147
E2
3.50
3.70
0.138
0.147
D
5.00 BSC
0.197 BSC
E
5.00 BSC
0.197 BSC
Note: Dimensions do not include protrusions; they should not exceed 0.155 mm (0.006 in.) on any side. Lead
dimension should not include solder coverage. Dimensions are in millimeters and inches for reference.
PD39210
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com