Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39210 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD39210 Datasheet HTML 10Page - Microchip Technology PD39210 Datasheet HTML 11Page - Microchip Technology PD39210 Datasheet HTML 12Page - Microchip Technology PD39210 Datasheet HTML 13Page - Microchip Technology PD39210 Datasheet HTML 14Page - Microchip Technology PD39210 Datasheet HTML 15Page - Microchip Technology PD39210 Datasheet HTML 16Page - Microchip Technology PD39210 Datasheet HTML 17Page - Microchip Technology PD39210 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Figure 4-3. Top-Layer Copper PCB Layout
0.30
5.80
0.90
3.50
3.80
0.50
Figure 4-4. Paste Mask
0.23
5.38
0.66
14.53
33.00
All dimensions in mm
Note: The contract manufacturer has latitude to modify the solder paste stencil for manufacturability reasons. The
solder paste stencil covers 65% to 80% of the thermal pad and must not allow solder to be applied to the thermal vias
PD39210
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com