Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDAR Datasheet(PDF) 31 Page - Texas Instruments

Part # THS1007CDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDAR Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS1007CDAR Datasheet HTML 27Page - Texas Instruments THS1007CDAR Datasheet HTML 28Page - Texas Instruments THS1007CDAR Datasheet HTML 29Page - Texas Instruments THS1007CDAR Datasheet HTML 30Page - Texas Instruments THS1007CDAR Datasheet HTML 31Page - Texas Instruments THS1007CDAR Datasheet HTML 32Page - Texas Instruments THS1007CDAR Datasheet HTML 33Page - Texas Instruments THS1007CDAR Datasheet HTML 34Page - Texas Instruments THS1007CDAR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
31
DC COUPLING
An operational amplifier can be configured to shift the signal level according to the analog input voltage range
of the THS1007. The analog input voltage range of the THS1007 goes from 1.5 V to 3.5 V. An operational
amplifier can be used as shown in Figure 40.
Figure 40 shows an example with the analog input signal in the range between –1 V up to 1 V. This signal is
shifted by an operational amplifier to the analog input range of the THS1007 (1.5 V to 3.5 V). The operational
amplifier is configured as an inverting amplifier with a gain of –1. The required dc voltage of 1.25 V at the
noninverting input is derived from the 2.5-V output reference REFOUT of the THS1007 by using a resistor
divider. Therefore, the operational amplifier output voltage is centered at 2.5 V. The 10
µF tantalum capacitor
is required for bypassing REFOUT. REFIN of the THS1007 must be connected directly to REFOUT in
single-ended mode. The use of ratio matched, thin-film resistor networks minimizes gain and offset errors.
_
+
5 V
R1
R1
RS
3.5 V
2.5 V
1.5 V
THS1007
AINP
REFOUT
R2
R2
1.25 V
1 V
0 V
–1 V
REFIN
+
C
10
µF
Figure 40. Level-Shift for DC-Coupled Input
DIFFERENTIAL MODE OF OPERATION
For the differential mode of operation, a conversion from single-ended to differential is required. A conversion
to differential signals can be achieved by using an RF-transformer, which provides a center tap. Best
performance is achieved in differential mode.
THS1007
AINP
AINM
REFOUT
C
C
R
R
200
Ω
49.9
Ω
Mini Circuits
T4–1
+
10
µF
Figure 41. Transformer Coupled Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com