Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDAR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS1007CDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDAR Datasheet(HTML) 3 Page - Texas Instruments

  THS1007CDAR Datasheet HTML 1Page - Texas Instruments THS1007CDAR Datasheet HTML 2Page - Texas Instruments THS1007CDAR Datasheet HTML 3Page - Texas Instruments THS1007CDAR Datasheet HTML 4Page - Texas Instruments THS1007CDAR Datasheet HTML 5Page - Texas Instruments THS1007CDAR Datasheet HTML 6Page - Texas Instruments THS1007CDAR Datasheet HTML 7Page - Texas Instruments THS1007CDAR Datasheet HTML 8Page - Texas Instruments THS1007CDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, AVDD = DVDD = 5 V, BVDD = 3.3 V, VREF = internal (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital inputs
IIH
High-level input current
DVDD = digital inputs
–50
50
µA
IIL
Low-level input current
Digital input = 0 V
–50
50
µA
Ci
Input capacitance
5
pF
Digital outputs
VOH
High-level output voltage
IOH = –50 µA,
BVDD = 3.3 V, 5 V
BVDD–0.5
V
VOL
Low-level output voltage
IOL = 50 µA,
BVDD = 3.3 V, 5 V
0.4
V
IOZ
High-impedance-state output current
CS1 = DGND,
CS0 = DVDD
–10
10
µA
CO
Output capacitance
5
pF
CL
Load capacitance at databus D0 – D9
30
pF
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, AVDD = DVDD = 5 V, BVDD = 3.3 V, fs = 6 MSPS, VREF = internal (unless otherwise noted)
DC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
Bits
Accuracy
Integral nonlinearity, INL
±1
LSB
Differential nonlinearity, DNL
±1
LSB
Offset error
After calibration in single-ended mode
±5
LSB
Offset error
After calibration in differential mode
–10
10
LSB
Gain error
–10
10
LSB
Analog input
Input capacitance
15
pF
Input leakage current
VAIN = VREFM to VREFP
±10
µA
Internal voltage reference
Accuracy, VREFP
3.3
3.5
3.7
V
Accuracy, VREFM
1.4
1.5
1.6
V
Temperature coefficient
50
PPM/
°
C
Reference noise
100
µV
Accuracy, REFOUT
2.475
2.5
2.525
V
Power supply
IDDA
Analog supply current
AVDD = DVDD = 5 V, BVDD =3.3 V
36
40
mA
IDDD
Digital supply current
AVDD = DVDD = 5 V, BVDD = 3.3 V
0.5
3
mA
IDDB
Buffer supply current
AVDD = DVDD = 5 V, BVDD = 3.3 V
1.5
4
mA
Power dissipation
AVDD = DVDD = 5 V, BVDD = 3.3 V
186
216
mW
Power dissipation in power down with conversion
clock inactive
AVDD = DVDD = 5 V, BVDD = 3.3 V
0.25
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com