Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDAR Datasheet(PDF) 27 Page - Texas Instruments

Part # THS1007CDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDAR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS1007CDAR Datasheet HTML 23Page - Texas Instruments THS1007CDAR Datasheet HTML 24Page - Texas Instruments THS1007CDAR Datasheet HTML 25Page - Texas Instruments THS1007CDAR Datasheet HTML 26Page - Texas Instruments THS1007CDAR Datasheet HTML 27Page - Texas Instruments THS1007CDAR Datasheet HTML 28Page - Texas Instruments THS1007CDAR Datasheet HTML 29Page - Texas Instruments THS1007CDAR Datasheet HTML 30Page - Texas Instruments THS1007CDAR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
27
Write Timing (using WR, WR-controlled)
Figure 35 shows the write-timing behavior when the WR(R/W) input is programmed as a write input WR only. The
input RD acts as the read input in this configuration. This timing is called WR-controlled because WR is the last
external signal of CS0, CS1, and WR which becomes valid.
90%
90%
10%
tsu
th
D(0–9)
DATA_AV
10%
tw(WR)
tsu(CS)
th(CS)
CS0
CS1
WR
RD
Figure 35. Write Timing Diagram Using WR (WR-controlled)
Write Timing Parameter Using WR (WR-controlled)
PARAMETER
MIN
TYP
MAX
UNIT
tsu(CS)
Setup time, CS stable to last WR valid
0
ns
tsu
Setup time, data valid to first WR invalid
5
ns
th
Hold time, WR invalid to data invalid
2
ns
th(CS)
Hold time, WR invalid to CS change
5
ns
tw(WR)
Pulse duration, WR active
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com