Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDAR Datasheet(PDF) 15 Page - Texas Instruments

Part # THS1007CDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDAR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS1007CDAR Datasheet HTML 11Page - Texas Instruments THS1007CDAR Datasheet HTML 12Page - Texas Instruments THS1007CDAR Datasheet HTML 13Page - Texas Instruments THS1007CDAR Datasheet HTML 14Page - Texas Instruments THS1007CDAR Datasheet HTML 15Page - Texas Instruments THS1007CDAR Datasheet HTML 16Page - Texas Instruments THS1007CDAR Datasheet HTML 17Page - Texas Instruments THS1007CDAR Datasheet HTML 18Page - Texas Instruments THS1007CDAR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
15
DETAILED DESCRIPTION
Reference Voltage
The THS1007 has a built-in reference, which provides the reference voltages for the ADC. VREFP is set to 3.5 V
and VREFM is set to 1.5 V. An external reference can also be used through two reference input pins, REFP
and REFM, if the reference source is programmed as external. The voltage levels applied to these pins establish
the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading respectively.
Analog Inputs
The THS1007 consists of 4 analog inputs, which are sampled simultaneously. These inputs can be selected
individually and configured as single-ended or differential inputs. The desired analog input channel can be
programmed.
Converter
The THS1007 uses a 10-bit pipelined multistaged architecture, which achieves a high sample rate with low
power consumption. The THS1007 distributes the conversion over several smaller ADC sub-blocks, refining
the conversion with progressively higher accuracy as the device passes the results from stage to stage. This
distributed conversion requires a small fraction of the number of comparators used in a traditional flash ADC.
A sample-and-hold amplifier (SHA) within each of the stages permits the first stage to operate on a new input
sample while the second through the eighth stages operate on the seven preceding samples.
Conversion Clock
An external clock signal with a duty cycle of 50% has to be applied to the clock input (CONV_CLK). A new
conversion is started with every falling edge of the applied clock signal. The conversion values are available
at the output with a latency of 5 clock cycles.
SYNC
In multichannel mode, the first SYNC signal is delayed by [7+ (# Channels Sampled)] cycles of the CONV_CLK
after a SYNC reset. This is due to the latency of the pipeline architecture of the THS1007.
Sampling Rate
The maximum possible conversion rate per channel is dependent on the selected analog input channels.
Table 1 shows the maximum conversion rate for different combinations.
Table 1. Maximum Conversion Rate in Continuous Conversion Mode
CHANNEL CONFIGURATION
NUMBER OF
CHANNELS
MAXIMUM CONVERSION
RATE PER CHANNEL
1 single-ended channel
1
6 MSPS
2 single-ended channels
2
3 MSPS
3 single-ended channels
3
2 MSPS
4 single-ended channels
4
1.5 MSPS
1 differential channel
1
6 MSPS
2 differential channels
2
3 MSPS
1 single-ended and 1 differential channel
2
3 MSPS
2 single-ended and 1 differential channels
3
2 MSPS
The maximum conversion rate per channel, fc, is given by:
fc
+ 6 MSPS
# channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com