Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR30-G-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # TR30-G-R
Description  Paperless Recorder TR30 Series PAPERLESS RECORDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR30-G-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  TR30-G-R Datasheet HTML 1Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 2Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 3Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 4Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 5Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 6Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 7Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: TR30
TR30 SPECIFICATIONS
ES-8631 Rev.16 Page 3/8
http://www.m-system.co.jp/
PERFORMANCE
Calendar clock: (with battery backup)
Accuracy: Monthly deviation 2 minutes at 25°C
Back up period: Approx. 2 years at 25°C
Battery: Primary lithium battery (non-removable)
(In order to prevent battery drain, battery back up is OFF at
factory default. Turn it ON prior to start using.)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Ethernet to internal bus or internal power to RUN contact
output to power supply to FE)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
Status Indicator LEDs
RJ-45 Connector
for Ethernet
Lock Tab
Specifications
Ethernet Indicator LEDs
SD Card Slot
■ FRONT VIEW
■ BOTTOM VIEW
■ SIDE VIEW
Configuration Select SW
Logging Button
SD Button
Function Setting DIP SW
Terminal Block for
RUN Contact Output,
Power Supply
Terminal Fixing Screw
Base Fixing Screw
ON
4
3
2
1
TR30 RUN
RECORD
SD CARD
PWR
RUN
ERROR
CFG
DPX
LNK
RECORD
SD CARD
TR30
2
I/O
On
4
3
1
Configuration Connector
U(+)
NC
V(-)
FE
Positioning Guide
Terminal Cover



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com