Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR30-G-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # TR30-G-R
Description  Paperless Recorder TR30 Series PAPERLESS RECORDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR30-G-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  TR30-G-R Datasheet HTML 1Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 2Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 3Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 4Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 5Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 6Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 7Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: TR30
TR30 SPECIFICATIONS
ES-8631 Rev.16 Page 6/8
http://www.m-system.co.jp/
■ SD card
• Recording contents: Trend data, event data, comment data,
settings information
STORING RATE
TRANSFER INTERVAL
5 ms
3 min.
10 ms
5 min.
50 ms
10 min., 30 min.
100 ms
10 min., 30 min., 1 hour
500 ms
30 min., 1 hour, 6 hours
1 sec.
1 hour, 6 hours, 12 hours
2 sec.
1 hour, 6 hours, 1 day
5 sec.
6 hours, 12 hours, 1 day
10 sec.
6 hours, 12 hours, 1 day
1 min.
1 day, 1 week
2 min.
1 day, 1 week
5 min.
1 day, 1 week, 1 month
10 min.
1 day, 1 week, 1 month
15 min.
1 day, 1 week, 1 month
30 min.
1 day, 1 week, 1 month
1 hour
1 week, 1 month
Note: De ning no speci cation of interval (50000 points) is available for all
storing rate.
• Data format
Trend data, event data and comment data are saved with
dedicated format (binary, extension “TRD”) or CSV format.
Setting information is saved into text format (xml format,
extension “xml”).
• Data file name
File name is created with YYYYMMDDHHMMSS and daylight
saving time (S or D) in the beginning of sample.
(e.g. 20140212100000S.TRD)
• Viewer Software
The data transferred to SD card can be displayed with using
dedicated Viewer Software (model: TRViewer). Also, data can be
converted to CSV format file.
• Auto file delete
When auto file delete is disabled, data are recorded until there is
no remaining space in the SD card. When auto file delete is
enabled and the remaining space in the SD card reaches 100MB
or less, the data is deleted from the oldest.
• Storable time duration
(rough guide for 4GB SD card “TRD”)
STORING RATE
16 pens
32 pens
64 pens 120 pens
5 ms
3 days
10 ms
6 days
50 ms
25 days
100 ms
50 days
30 days
500 ms
8 months
4 months
1 sec.
1 year
9 months
2 sec.
2 years
1 year
5 sec.
7 years
4 years
10 sec.
10 years
7.5 years
1 min.– 1 hour
10 years (max.10 years)
Note: When only trend logging is enabled.
• Storable time duration
(rough guide for 4GB SD card “CSV”)
STORING RATE
16 pens
32 pens
64 pens 120 pens
5 ms
34 hours
10 ms
69 hours
50 ms
14 days
100 ms
28 days
15 days
500 ms
4 months
78 days
1 sec.
9 months
5 months
2 sec.
1.5 years
10 months
5 sec.
3.5 years
2 years
10 sec.
7 years
4 years
1 min.– 1 hour
10 years (max.10 years)
Note: When only trend logging is enabled.
COMMUNICATION
■ IP
Supports DHCP client. Allows manual setting of IP address,
subnet mask, default gateway and DNS server.
■ Web server function
This unit works as a Web server, and allows 'Data,' 'Trend'
and 'Event Log' to be viewed from a remote location.
Compatible terminals, browser
• iPad (iPadOS 13.7): Safari
• Android tablet (Android 9): Chrome 85.0.4183.101
• Windows PC (Windows 7, 8.1, 10), Edge 85.0.565.44,
Internet Explorer 11, Firefox 75.0,
Chrome 85.0.4183.102
■ Modbus/TCP master
Allows I/O expansion with remote I/Os such as R3 or R7
series. Collectively handles data from measuring points in
multiple locations.
■ Connectable devices
• R3-NE1
• R5-NE1
• R6-NE1, R6-NE2
• R7E series
• R9EWTU
• 72EM2-M4
• GR8-EM
• DL8 series
• TR3EX
• IT series
• 73VR series
■ SLMP Client
Allows I/O expansion by connecting with the SLMP-
compatible CPU unit of Mitsubishi programmable controller
MELSEC. Collectively handles data from measuring points in
multiple locations
■ Connectable MELSEC model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com