Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR30-G-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # TR30-G-R
Description  Paperless Recorder TR30 Series PAPERLESS RECORDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR30-G-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  TR30-G-R Datasheet HTML 1Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 2Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 3Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 4Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 5Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 6Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 7Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: TR30
TR30 SPECIFICATIONS
ES-8631 Rev.16 Page 5/8
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
INTERNAL POWER
INTERNAL BUS
Comm.
Circuit
Control
Circuit
Power
Circuit
INTERNAL POWER
Ethernet
Configuration
STATUS
INDICATOR
LEDs
DIP SW
CONFIGURATION
SELECT SW
SD
Botton
Logging
Botton
2
3
6
1
SD CARD SLOT
CONNECTOR
RJ-45 CONNECTOR
5
4
U (+)
V (
–)
FE
POWER SUPPLY
RUN CONTACT OUTPUT
Isolation
DATA STORING
The trend data, event data and comment data are stored
into the memory blocks with specified storing rate. These
data can be transferred into the SD card with the timing
according to the storing rate.
■ No. of memory blocks
• 50 memory blocks
■ Event data
• Event: Transition of analog input zone, transition of pulse
input zone, status change of discrete input
• Event detection interval: Same as trend data sampling
cycle
• Stored contents: Date/time, event
• Number of event: 3000 (per one memory block)
■ Comment data
• Number of characters for comment: 32
• Stored contents: Date/time, comment.
• Number of comment: 1000 (per one memory block)
■ Trend data
• Channel: Max. 120 points (Choose among followings: analog
input (AI), discrete input (DI), pulse input (PI), function input
(OI), discrete output (DO)
• Number of records: Save maximum 50000 samples per one
block
STORING
RATE
SAMPLING
CYCLE
PEN
AI
DI
PI
OI
DO
5 ms
5 ms
16
16
32
16
16
32
10 ms
5 ms
16
16
32
16
16
32
50 ms
5 ms
16
16
32
16
16
32
100 ms
100 ms
32
32
64
32
32
64
500 ms
100 ms
32
32
64
32
32
64
1 sec.
100 ms
32
32
64
32
32
64
2 sec.
1 sec.
32
32
64
32
32
64
5 sec.
1 sec.
32
32
64
32
32
64
10 sec.
1 sec.
32
32
64
32
32
64
1 min.
1 sec.
120
64
64
32
32
64
2 min.
1 sec.
120
64
64
32
32
64
5 min.
1 sec.
120
64
64
32
32
64
10 min.
1 sec.
120
64
64
32
32
64
15 min.
1 sec.
120
64
64
32
32
64
30 min.
1 sec.
120
64
64
32
32
64
1 hour
1 sec.
120
64
64
32
32
64



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com