Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR30-G-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # TR30-G-R
Description  Paperless Recorder TR30 Series PAPERLESS RECORDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR30-G-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  TR30-G-R Datasheet HTML 1Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 2Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 3Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 4Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 5Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 6Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 7Page - M-System Co.,Ltd. TR30-G-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: TR30
TR30 SPECIFICATIONS
ES-8631 Rev.16 Page 4/8
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
4
5
NC
FE
6
1
2
U(+)
3
V(-)
NO.
ID
FUNCTON
1
RUN contact output
RUN contact output
2
U (+)
Power supply (24 V DC)
3
V (-)
Power supply (0 V DC)
4
RUN contact output
RUN contact output
5
NC
Not used
6
FE
Functional earth
EXTERNAL DIMENSIONS unit: mm (inch)
50 (1.97)
6–M3
SCREW
1
2
3
4
5
6
DIN RAIL
35mm wide
[5 (.20)]
110 (4.33)
98 (3.86)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com