Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC490LP5 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC490LP5
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC490LP5 Datasheet HTML 5Page - Analog Devices HMC490LP5 Datasheet HTML 6Page - Analog Devices HMC490LP5 Datasheet HTML 7Page - Analog Devices HMC490LP5 Datasheet HTML 8Page - Analog Devices HMC490LP5 Datasheet HTML 9Page - Analog Devices HMC490LP5 Datasheet HTML 10Page - Analog Devices HMC490LP5 Datasheet HTML 11Page - Analog Devices HMC490LP5 Datasheet HTML 12Page - Analog Devices HMC490LP5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC980
v00.0312
Active BiAs controller
High current
Pad Descriptions
pad number
Function
Description
interface schematic
1,12,13,20,21,
35
GnD
these pads and the die bottom must be connected to a
high quality rF/DC ground.
2
alM
over/under current alarm. provides an active high signal
(VDiG) if the quiescent bias exceed the upper threshold
or drops below the lower threshold.
19
triGoUt
trigger out signal. Generates a hiGh (3.3V) signal when
the active bias system stabilizes. this signal can be
used to trigger next device (enaBle) if more than one
hMC980 is used in a daisy chain.
3
alMtrG
Dummy alarm trigger signal to create test alarm when
taken hiGh (3.3V). Defaults to loW (GnD) when left
floating.
4
en
enable pad. Bias control loop is enabled when Ven
is hiGh(VDiG). if left floating, Ven defaults to hiGh
(enabled).
5,6
s1,s0
Control pads for internal switch resistance. if left float-
ing, default to hiGh.
refer to table-1 in application notes for recommended
settings.
7,8,9,10,11
VDD
Bias supply pad. Connect supply voltage to this pad
with appropriate filtering.
14
FiXBias
a high precision (e.g. 0.5%, ±25 ppm tCr) 10K resistor
to ground is recommended for good bias accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com