Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC490LP5 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC490LP5
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC490LP5 Datasheet HTML 12Page - Analog Devices HMC490LP5 Datasheet HTML 13Page - Analog Devices HMC490LP5 Datasheet HTML 14Page - Analog Devices HMC490LP5 Datasheet HTML 15Page - Analog Devices HMC490LP5 Datasheet HTML 16Page - Analog Devices HMC490LP5 Datasheet HTML 17Page - Analog Devices HMC490LP5 Datasheet HTML 18Page - Analog Devices HMC490LP5 Datasheet HTML 19Page - Analog Devices HMC490LP5 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
14
HMC980
v00.0312
Active BiAs controller
High current
the bias current passing through the external amplifier can be adjusted with rsense, where rsense is the r10
connected from isense to GnD. Use the relation given in equation (2) to set the desired bias current through the
external amplifier.
iDrain=150/rsense (a)
(2)
vG2 voltage Adjustment
the hMC980 generates a second gate voltage (VG2). VG2 can be adjusted through a resistor divider connected to
VG2_Cont for the amplifiers which require second gate voltage. eqn. (3) gives the formula to adjust VG2
:
VG2(V)= VDD*r4/(r3+r4) - 1.3
(3)
For instance, choosing 5.1k ohm as r3 and 3.3k ohm as r4 sets VG2 voltage to 3.4V when VDD=12V. For improved
accuracy, choose resistor values below 5k ohm on r3.
self Protection Feature
Due to the small resistance of the internal switch Fet between VDD and VDrain, a large amount of current may flow
through the hMC980. hMC980 limits the maximum current to self protect itself under such fault conditions, by turning
off VDrain and VGate.
the hMC980 will remain in this protection mode until a full power-cycle or enable/disable cycle is applied.
vneG Fault Detection Feature
in depletion mode operation VneG is continuously monitored against short circuit fault to GnD. if VneG rises above
a preset value (typically -0.6V) the system and the external amplifier are disabled by pulling VDrain and VG2 to GnD
and VGate to VneG. the system will stay in this stand-by mode until short fault at VneG is fixed.
over/Under current Alarm
the hMC980 provides over and under current alarm indicator alM (pad#2) signal. the alM is pulled up to VDiG
when the iDrain current exceeds ± 6% (With the given r11, r12, and r13 values in application circuit) of iDrain
regulation target value as shown in Figure 1. the alarm threshold level is user adjustable through r11,r12, and r13
according to the following equations:
over current alM threshold = i
octh = iDrain (1+r11/(r12+r13)),
Under current alM threshold = i
ucth = iDrain (1-r12/(r12+r13)) ,
where r12+r13 should always be equal to 5 kΩ (%1 accuracy)
threshold values possess a small built-in hysterisis. the condition of alM signal does not effect the operation of
hMC980. it is provided only for monitoring purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com