Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC490LP5 Datasheet(PDF) 18 Page - Analog Devices

Part # HMC490LP5
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5 Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC490LP5 Datasheet HTML 14Page - Analog Devices HMC490LP5 Datasheet HTML 15Page - Analog Devices HMC490LP5 Datasheet HTML 16Page - Analog Devices HMC490LP5 Datasheet HTML 17Page - Analog Devices HMC490LP5 Datasheet HTML 18Page - Analog Devices HMC490LP5 Datasheet HTML 19Page - Analog Devices HMC490LP5 Datasheet HTML 20Page - Analog Devices HMC490LP5 Datasheet HTML 21Page - Analog Devices HMC490LP5 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
16
HMC980
v00.0312
Active BiAs controller
High current
Figure 2. Daisy Chain Operation
operation Modes
hMC980 can be configured to bias both enhancement and depletion mode external amplifiers. the mode of operation
can be selected by setting two pads (VneGFB, VGateFB) as tabulated in table-2. the connection to the VneGin
should be adjusted accordingly.
in order not to bias external amplifier in a wrong region, please make sure that the correct mode of operation is
selected before powering up the hMC980.
the hMC980 does not allow the internal negative voltage generator to work if an enhancement mode is selected.
therefore, if VneGFB is left floating while VGateFB is grounded, hMC980 will stay in standby mode.
please note that in depletion slave mode the external negative voltage should be between -2.3V to -3.5V for hMC980
to operate. if your application requires negative voltages outside this range please contact hittite application support.
table 2. Mode selection
VneGFB
VGateFB
VneGin
Description
MoDe1
(Depletion/Master Mode)
Float
Float
Connected to
VneGoUt
Depletion mode transistor. internal negative voltage generator is
active and generates -2.5V. sample application schematic given
shown in Fig.3a.
MoDe2
(Depletion/slave Mode)
GnD
Float
Connected to
external Vss
Depletion mode transistor. internal negative voltage generator is
disabled. an external negative voltage less than -2.3V should be
connected to VneGin. sample application schematic given shown
in Fig.3b.
---
Float
GnD
n/a
not allowed. hMC980 stays in standby.
MoDe3
(enhancement Mode)
GnD
GnD
Connected to
GnD
enhancement mode transistor. internal negative voltage generator is
disabled. sample application schematic given shown in Fig.3c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com