Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC490LP5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC490LP5
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC490LP5 Datasheet HTML 6Page - Analog Devices HMC490LP5 Datasheet HTML 7Page - Analog Devices HMC490LP5 Datasheet HTML 8Page - Analog Devices HMC490LP5 Datasheet HTML 9Page - Analog Devices HMC490LP5 Datasheet HTML 10Page - Analog Devices HMC490LP5 Datasheet HTML 11Page - Analog Devices HMC490LP5 Datasheet HTML 12Page - Analog Devices HMC490LP5 Datasheet HTML 13Page - Analog Devices HMC490LP5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC980
v00.0312
Active BiAs controller
High current
Pad Descriptions (Continued)
pad number
Function
Description
interface schematic
15
alMh
a high precision resistor (e.g. 0.5%, ±25 ppm tCr) to
iset pad is recommended for good bias accuracy. the
value of the resistor sets the threshold. if alarm feature
is not used alMh can be shorted to iset.
16
iset
a high precision resistor (e.g. 0.5%, ±25 ppm tCr)
between alMl and iset is recommended for good bias
accuracy. the total external resistance from iset pad to
GnD should always be equal to 5 k Ω.
17
alMl
a high precision resistor (e.g. 0.5%, ±25 ppm tCr)
to GnD is recommended for good bias accuracy. the
value of the resistor sets the threshold value for under
current alarm. if alarm feature is not used alMl can be
shorted to iset.
18
isense
Drain current adjustment pad. to adjust the bias current
of the external amplifier connect a resistor (rsense)
from isense pad to GnD according to eqn(2) on page
13-15. a high precision resistor (e.g. 0.5%, ±25 ppm
tCr) is recommended for good bias accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com