Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM58 Datasheet(PDF) 7 Page - Pepperl+Fuchs Inc.

Part # PVM58
Description  Multiturn absolute encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58 Datasheet(HTML) 7 Page - Pepperl+Fuchs Inc.

  PVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 8Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PVM58
7
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
Installation instructions
Anti-interference measures
Activation of the parameters from Octet 27
7
27 ... 30
Lower limit switch
31 ... 34
Upper limit switch
35 ... 38
Physical measuring steps
39
Reserved
0
Rotary encoder type (singleturn or multiturn)
1
Reserved
2
Reserved
3
Selection of the unit for speed transfer
4
5
Reserved
6
Reserved
7
Type Code
PV M 5 8
–
R 0 B N –
Number of bits singleturn
13
8192 (standard)
16
65536
Number of bits multiturn
12 4096 (standard)
14 16384
Option 2
N
Not expanded
Output code
B
Binary
Option 1
0
No option
Exit position
R
Radial
Connection type
AG
Removable housing cover with terminal compartment
AZ
Removable housing cover with M12 connectors
Shaft dimension/flange version
011
Shaft Ø10 mm x 20 mm with clamping flange
032
Shaft Ø6 mm x 10 mm with servo flange
Housing material
N
Aluminium, powder coated
I
Inox
W
Aluminium, powder coated with shaft seal
A
Stainless steel AISI 316L
Principle of operation
M
Multiturn
Shaft version
V
Solid shaft
Data format
P
PROFIBUS
Additional Information
The connecting hoods of the former rotary encoder generation do no longer fit for the new PROFIBUS rotary
encoders, as the dimensions have been changed. Please use nothing but the connecting hoods with error and
status indication.
Note



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com