Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM58 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PVM58
Description  Multiturn absolute encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 8Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
L
3
27.5
12.7
40
60
3
4
10
M4 x 0.7
6
* Singleturn: L = 69, Multiturn : L = 80
** Aluminum: d = 59, stainless steel: d = 61
Technical Data
General specifications
Detection type
photoelectric sampling
Device type
Multiturn absolute encoder
Functional safety related parameters
MTTFd
70 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
No-load supply current
I0
max. 230 mA at 10 V DC
max. 100 mA at 24 V DC
Power consumption
P0
max. 2.5 W
Time delay before availability
tv
< 1000 ms
Linearity
± 2 LSB at 16 Bit, ± 1 LSB at 13 Bit, ± 0,5 LSB at 12 Bit
Output code
binary code
Code course (counting direction)
programmable,
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course descending)
Interface
Interface type
PROFIBUS
Resolution
Single turn
up to 16 Bit
Multiturn
14 Bit
Overall resolution
up to 30 Bit
Transfer rate
0.0096 ... 12 MBit/s
Standard conformity
PNO profile 3.062, RS-485
Connection
Terminal compartment
in removable housing cover
Standard conformity
Degree of protection
DIN EN 60529, IP65
IP66, IP67 (with shaft seal)
Climatic testing
DIN EN 60068-2-30 , no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 2000 Hz
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source
Ambient conditions
Multiturn absolute encoder
PVM58
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com