Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM58 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PVM58
Description  Multiturn absolute encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 8Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Multiturn absolute encoder
PVM58
< Industrial standard housing ∅58 mm
< PROFIBUS interface
< 30 Bit multiturn
< Speed transfer
< Extended scaling functions
< Programmable limit switches
< Commissioning mode
< Servo or clamping flange
Function
This series of PROFIBUS rotary encoders is based on the modern fast technology of singleturn sampling and the mechanical gear box of the
multiturn unit. The absolute encoder corresponds to the PROFIBUS profile for encoders, order no. 3.062. Operation is supported based on Class
1 and Class 2.
For operation based on Class 1, position data and diagnostic data bytes 1 ... 16 are available. In addition, the direction of the code can be
selected as either cw ascending (clockwise rotation, code course ascending) or cw descending (clockwise rotation, code course descending).
If the rotary encoder is operated according to Class 2, additional functions to those from Class 1 are available. These include scaling of the
resolution per revolution and the overall resolution, as well as the preset function. In addition, expanded diagnostic reporting is supported.
Besides, the rotary encoder offers extended functionalities such as speed transfer, extended scaling functions, programmable limit switches and a
commissioning mode.
The removable connecting hood contains a slide switch for setting the terminating resistor and the rotary switches for setting the address. Assign
a fixed address and bus termination to the encoder with this switches.
The device is designed for shaft mounting and is available in servo flange or clamping flange design.
Dimensions
15°
18
10
30
L
3
3.5
3
27.5
12.7
40
60
M4 x 0.7
6
M3 x 0.5
6
* Singleturn: L = 69, Multiturn : L = 80
** Aluminum: d = 59, stainless steel: d = 61
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - PVM58

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PVM58N-YY1AGR0BN-1213 PF-PVM58N-YY1AGR0BN-1213 Datasheet
449Kb / 5P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results

Similar Description - PVM58

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com