Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM58 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PVM58
Description  Multiturn absolute encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 8Page - Pepperl+Fuchs Inc. PVM58 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Technical Data
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel
flange: stainless steel
shaft: stainless steel
Mass
approx. 600 g (combination 1)
approx. 1200 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm (version without shaft seal)
Shaft load
Axial
40 N
Radial
110 N
Accessories
9203
Angled flange
AH 58-B1CA-2BW
9310-3
Synchro clamping element
9300
Mounting bracket for servo flange
KW-10/10
Helical coupling
KW-6/10
Helical coupling
KW-6/6
Helical coupling
KW-6/8
Helical coupling
9401 10*10
Spring steel coupling
9401 10*12
Spring steel coupling
9401 6*10
Spring steel coupling
9401 6*6
Spring steel coupling
9402 6*6
Spring steel coupling
Multiturn absolute encoder
PVM58
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com