Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2302 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 35Page - Microchip Technology EMC2302 Datasheet HTML 36Page - Microchip Technology EMC2302 Datasheet HTML 37Page - Microchip Technology EMC2302 Datasheet HTML 38Page - Microchip Technology EMC2302 Datasheet HTML 39Page - Microchip Technology EMC2302 Datasheet HTML 40Page - Microchip Technology EMC2302 Datasheet HTML 41Page - Microchip Technology EMC2302 Datasheet HTML 42Page - Microchip Technology EMC2302 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 39
EMC2301/2/3/5
6.15
Fan Configuration 2 Registers
The Fan Configuration 2 registers control the tachome-
ter measurement and advanced features of the RPM-
based Fan Speed Control algorithm (see Section 4.3
“RPM-Based Fan Speed Control Algorithm”).
bit 4-3
EDGx[1:0]: Edges. Sets the number of edges to sample when calculating RPM, where “x” is 1 to 5,
depending on device features.
11 = 9 edges sampled (4 poles) - effective Tach multiplier is 2, based on two pole fans
10 = 7 edges sampled (3 poles) - effective Tach multiplier is 1.5, based on two pole fans
01 = 5 edges sampled (2 poles) - effective Tach multiplier is 1, based on two pole fans
00 = 3 edges sampled (1 pole) - effective Tach multiplier is 0.5, based on two pole fans
bit 2-0
UDTx[2:0]: Update Time. Sets the PID update rate for closed loop control, where “x” is 1 to 5,
depending on device features. The Update Time, along with the Fan Step register, is used to con-
trol the ramp rate of the drive response to provide a cleaner transition of the actual fan operation
as the desired fan speed changes.
111 = 1600 ms update interval
110 = 1200 ms update interval
101 = 800 ms update interval
100 = 500 ms update interval
011 = 400 ms update interval
010 = 300 ms update interval
001 = 200 ms update interval
000 = 100 ms update interval
Note:
Increasing the number of edges measured with respect to the number of poles of the fan will cause the
TACH Reading registers to indicate a fan speed that is higher or lower than the actual speed. In order for
the FSC algorithm to operate correctly, the TACH Target must be updated by the user to accommodate this
shift. The Effective Tach Multiplier is used as a direct multiplier term that is applied to the Actual RPM to
achieve the Reported RPM. It should only be applied if the number of edges measured does not match the
number of edges expected based on the number of poles of the fan (which is fixed for any given fan).
Contact Microchip for recommended settings when using fans with more or fewer than two poles.
REGISTER 6-13:
FAN CONFIG - FAN CONFIGURATION REGISTERS
(ADDRESSES 32H, 42H, 52H, 62H, 72H) (CONTINUED)
REGISTER 6-14:
FAN CONFIG 2 - FAN CONFIGURATION 2 REGISTERS
(ADDRESSES 33H, 43H, 53H, 63H, 73H)
U-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
U-0
—
ENRCx
GHENx
DPTx[1:0]
ERGx[1:0]
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented bit, read as ‘0’.
bit 6
ENRCx: Enable Ramp Rate Control, where “x” is 1 to 5, depending on device features. This is
available only when ENAGx = 0.
1 = Ramp Rate Control enabled.
0 = Ramp Rate Control disabled.
bit 5
GHENx: Glitch Filter Enable. Enables the noise filter that removes high-frequency noise injected on
the TACHx pin, where “x” is 1 to 5, depending on device features.
1 = Glitch filter enabled.
0 = Glitch filter disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com