Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2302 Datasheet(PDF) 49 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 49 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 45Page - Microchip Technology EMC2302 Datasheet HTML 46Page - Microchip Technology EMC2302 Datasheet HTML 47Page - Microchip Technology EMC2302 Datasheet HTML 48Page - Microchip Technology EMC2302 Datasheet HTML 49Page - Microchip Technology EMC2302 Datasheet HTML 50Page - Microchip Technology EMC2302 Datasheet HTML 51Page - Microchip Technology EMC2302 Datasheet HTML 52Page - Microchip Technology EMC2302 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 49
EMC2301/2/3/5
REGISTER 6-27:
PRODUCT ID - PRODUCT IDENTIFICATION REGISTER (ADDRESS FDH)
R-1
R-0
R-1
R-1
R-0
R-1
R-0
R-0
PID[7:2]
PID[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
PID[7:2]: Product Identification Register. Hard coded fixed value of 0011_01b.
bit 1-0
PID[1:0]: Product Identification Register. Device defines bit pattern.
11 = EMC2301
10 = EMC2302
01 = EMC2303
00 = EMC2305
REGISTER 6-28:
MFG ID - MANUFACTURER IDENTIFICATION REGISTER (ADDRESS FEH)
R-0
R-1
R-0
R-1
R-1
R-1
R-0
R-1
MID[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
MID[7:0]: Manufacturer Identification Register. Hard coded fixed value of 5Dh.
REGISTER 6-29:
REV - SILICON REVISION REGISTER (ADDRESS FFH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
REV[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
REV[7:0]: Silicon Revision set to 80h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com