Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2302 Datasheet(PDF) 16 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 16 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 12Page - Microchip Technology EMC2302 Datasheet HTML 13Page - Microchip Technology EMC2302 Datasheet HTML 14Page - Microchip Technology EMC2302 Datasheet HTML 15Page - Microchip Technology EMC2302 Datasheet HTML 16Page - Microchip Technology EMC2302 Datasheet HTML 17Page - Microchip Technology EMC2302 Datasheet HTML 18Page - Microchip Technology EMC2302 Datasheet HTML 19Page - Microchip Technology EMC2302 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 16
 2021 Microchip Technology Inc.
When the FSC algorithm is enabled, ramp rate control
is automatically used. When the FSC is not active, then
ramp rate control can be enabled by asserting the
ENRCx bit (see Register 6-14).
The Update Time (UDT) bits and Fan Step Register
settings operate independently of the RPM-based FSC
algorithm and will always limit the fan drive setting.
That is, if the programmed fan drive setting (either as
determined by the RPM-based FSC algorithm or by
manual settings) exceeds the current fan drive setting
by greater than the Fan Step Register setting, the
EMC2301/2/3/5 will limit the fan drive change to the
value of the Fan Step Register. It will use the Update
Time to determine how often to update the drive
settings.
If the Fan Speed Control Algorithm is used, the default
settings in Register 6-14 will cause the maximum fan
step settings to be ignored.
4.3.3.4
Minimum Drive Setting
The Fan Minimum Drive Register (see Register 6-18)
stores the minimum drive setting for each RPM-based
Fan Speed Control algorithm. The RPM-based Fan
Speed Control algorithm will not drive the fan at a level
lower than the minimum drive unless the target Fan
Speed is set at FFh.
During normal operation, if the fan stops for any reason
(including low drive), the RPM-based Fan Speed Con-
trol algorithm will attempt to restart the fan. Setting the
Fan Minimum Drive Register to a setting that will main-
tain fan operation is a useful way to avoid potential fan
oscillations as the control circuitry attempts to drive it at
a level that cannot support fan operation.
4.4
Tachometer Measurement
The tachometer measurement circuitry is used in con-
junction with the RPM-based Fan Speed Control Algo-
rithm to update the fan driver output. Additionally, it can
be used in Direct Setting mode as a diagnostic for host
based fan control.
This method monitors the TACHx signal in real time. It
constantly updates the tachometer measurement by
reporting the number of clocks between a user pro-
grammed number of edges (EDGX bits in Register 6-
13) on the TACHx signal (see Table 4-7).
The tachometer measurement provides fast response
times for the RPM-based Fan Speed Control algorithm
and the data is presented as a count value that
represents the fan RPM period.
4.4.1
TACHOMETER COUNTS TO RPM
The TACH Reading Registers describe the current
tachometer reading for each of the fans. By default, the
data represents the fan speed as the number of 32 kHz
clock periods that occur for a single revolution of the
fan.
Equation 4-2 shows the detailed conversion from
TACH measurement (COUNT) to RPM, while
Equation 4-3 shows the simplified translation of TACH
Reading Register count to RPM assuming a two-pole
fan, measuring five edges, with a frequency of
32.768 kHz. These equations are solved and tabulated
for ease of use in AN17.4 RPM to TACH Counts Con-
version.
EQUATION 4-2:
TACHOMETER COUNTS
TO RPM
Note:
The tachometer measurement method
works independently of the drive settings.
If the device is put into Direct Setting
mode and the fan drive is set at a level that
is lower than the fan can operate (includ-
ing zero drive), then the tachometer mea-
surement may signal a Stalled Fan
condition and assert an interrupt.
TABLE 4-7:
MINIMUM EDGES FOR FAN
ROTATION
EDGX[1:0]
Minimum
TACH
Edges
Number
of Fan
Poles
Effective TACH
Multiplier
(Based on Two
Pole Fans)
10
00
31
0.5
01
52 (default)
1
10
73
1.5
11
94
2
RPM
1
poles

-----------------
n1
–

COUNT
1
m
----
------------------------------
fTACH
60
=
Where:
poles = number of poles on the fan (typically
two)
fTACH = the tachometer measurement
frequency (typically 32.768 kHz)
n = number of edges measured (typically
five for a two-pole fan)
m = the multiplier defined by the RANGE
bits
COUNT = TACH Reading Register value (in
decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com