Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2302 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 8Page - Microchip Technology EMC2302 Datasheet HTML 9Page - Microchip Technology EMC2302 Datasheet HTML 10Page - Microchip Technology EMC2302 Datasheet HTML 11Page - Microchip Technology EMC2302 Datasheet HTML 12Page - Microchip Technology EMC2302 Datasheet HTML 13Page - Microchip Technology EMC2302 Datasheet HTML 14Page - Microchip Technology EMC2302 Datasheet HTML 15Page - Microchip Technology EMC2302 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 12
 2021 Microchip Technology Inc.
3.1.5
PWM1/2/3/4/5 - PULSE WIDTH
MODULATED OUTPUT
This is the output control signal from the Fan Speed
Control 1/2/3/4/5 algorithms. This can be configured as
a push-pull PWM output or an open drain PWM output
(see Section 4.2 “PWM Fan Driver”).
3.1.6
TACH1/2/3/4/5 - TACHOMETER
INPUT
Open drain tachometer input to Fan Speed Control 1/2/
3/4/5 algorithms for feedback. Requires external pull-
up resistor.
3.1.7
CLK - EXT. CLOCK
This is the common 32.768 kHz clock for improved
Tach accuracy and a push-pull clock output to other fan
controllers to synchronize Fan Speed Control.
3.1.8
ALERT - SMBUS ALERT PIN
This pin indicates when an out of limits or other error
condition has occurred. Active low interrupt - requires
external pull-up resistor.
3.1.9
GND, EP13, EP17
The exposed (bottom) pad is ground for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com