Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789618 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1789618
Description  PCB terminal block - FFKDSA1/V-2,54- 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789618 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1789618 Datasheet HTML 1Page - PHOENIX CONTACT 1789618 Datasheet HTML 2Page - PHOENIX CONTACT 1789618 Datasheet HTML 3Page - PHOENIX CONTACT 1789618 Datasheet HTML 4Page - PHOENIX CONTACT 1789618 Datasheet HTML 5Page - PHOENIX CONTACT 1789618 Datasheet HTML 6Page - PHOENIX CONTACT 1789618 Datasheet HTML 7Page - PHOENIX CONTACT 1789618 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1789618
09/09/2021   Page 3 / 8
PCB terminal block - FFKDSA1/V-2,54- 2 - 1789618
Technical data
Dimensions for the product
Width [ w ]
7.58 mm
Height [ h ]
17 mm
Pitch
2.54 mm
Height (without solder pin)
13.6 mm
Solder pin [P]
3.4 mm
Pin spacing
5.08 mm
Pin dimensions
0.5 x 0.8 mm
Dimensions for PCB design
Hole diameter
1.1 mm
Pin spacing
5.08 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (Depending on the current carrying capacity/derating
curve)
Termination and connection method
Test for conductor damage and slackening
IEC 60999-1:1990-05
Test passed
Pull-out test
Pull-out test
IEC 60999-1:1990-05
Conductor cross section / conductor type / tensile force
0.14 mm² / solid / > 7 N
0.14 mm² / flexible / > 7 N
0.5 mm² / solid / > 30 N
0.5 mm² / flexible / > 30 N
Mechanical tests according to standard
Test specification
IEC 60999-1 (in parts)
Electrical tests
Rated current
6 A
Conductor cross section
0.5 mm²
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Air clearances and creepage distances
Clearances and creepage distances
IEC 60664-1:2007-04
Specification
IEC 60664-1:2007-04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com