Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789618 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1789618
Description  PCB terminal block - FFKDSA1/V-2,54- 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789618 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1789618 Datasheet HTML 1Page - PHOENIX CONTACT 1789618 Datasheet HTML 2Page - PHOENIX CONTACT 1789618 Datasheet HTML 3Page - PHOENIX CONTACT 1789618 Datasheet HTML 4Page - PHOENIX CONTACT 1789618 Datasheet HTML 5Page - PHOENIX CONTACT 1789618 Datasheet HTML 6Page - PHOENIX CONTACT 1789618 Datasheet HTML 7Page - PHOENIX CONTACT 1789618 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1789618
09/09/2021   Page 2 / 8
PCB terminal block - FFKDSA1/V-2,54- 2 - 1789618
Technical data
Item properties
Number of potentials
2
Electrical parameters
Nominal current
6 A
Nom. voltage
160 V
Rated voltage (III/3)
63 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Connection capacity
Connection method
Push-in spring connection
pluggable
Yes
Conductor cross section solid
0.14 mm² ... 0.5 mm²
Conductor cross section flexible
0.14 mm² ... 0.5 mm²
Conductor cross section AWG / kcmil
26 ... 20
Stripping length
11 mm
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface terminal point (middle layer)
Nickel (2 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (5 - 7 µm Sn)
Metal surface soldering area (middle layer)
Nickel (2 - 3 µm Ni)
Material data - housing
Housing color
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Dimensions for the product
Caption
Schematische Abbildung - weitere Details siehe
Produktfamilienzeichnung im Download Center
Length [ l ]
12.6 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com