Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789618 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1789618
Description  PCB terminal block - FFKDSA1/V-2,54- 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789618 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1789618 Datasheet HTML 1Page - PHOENIX CONTACT 1789618 Datasheet HTML 2Page - PHOENIX CONTACT 1789618 Datasheet HTML 3Page - PHOENIX CONTACT 1789618 Datasheet HTML 4Page - PHOENIX CONTACT 1789618 Datasheet HTML 5Page - PHOENIX CONTACT 1789618 Datasheet HTML 6Page - PHOENIX CONTACT 1789618 Datasheet HTML 7Page - PHOENIX CONTACT 1789618 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1789618
09/09/2021   Page 1 / 8
PCB terminal block - FFKDSA1/V-2,54- 2 - 1789618
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 6 A, rated voltage (III/2): 160 V, nominal cross section: 0.5 mm², number
of potentials: 2, Number of rows: 1, Number of positions per row: 2, product range: FFKDS(A) 0,5/..-V,
pitch: 2.54 mm, connection method: Push-in spring connection, mounting: Wave soldering, conductor/PCB
connection direction: 90 °, color: green, Pin layout: Linear double pinning, Solder pin [P]: 3.4 mm, type of
packaging: packed in cardboard. The article can be aligned to create different nos. of positions!
The figure shows the 10-position
version
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Intuitive use through colour coded actuation lever
 Operation and conductor connection from one direction enable integration into front of device
 Two solder pins reduce the mechanical strain on the soldering spots
 The latching on the side enables various numbers of positions to be combined
 Vertical connection enables multi-row arrangement on the PCB
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918260675
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
FFKDS(A) 0,5/..-V
Pitch
2.54 mm
Number of positions
2
Mounting type
Wave soldering
Pin layout
Linear double pinning
Number of rows
1
Number of connections
2


Similar Part No. - 1789618

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789601 PHOENIX-1789601 Datasheet
681Kb / 14P
MC 1,5/ 2-GF-3,5 P14 THR - PCB header
logo
Wurth Elektronik GmbH &...
178960501 WURTH-178960501 Datasheet
3Mb / 36P
Variable Step Down MicroModule
logo
PHOENIX CONTACT
1789621 PHOENIX-1789621 Datasheet
64Kb / 4P
PCB terminal block - FFKDSA1/V-6,35
1789627 PHOENIX-1789627 Datasheet
103Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-GF-3,5 P14 THR
1789634 PHOENIX-1789634 Datasheet
64Kb / 4P
PCB terminal block - FFKDSA1/H-6,35
More results

Similar Description - 1789618

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756265 PHOENIX-1756265 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-23
1780950 PHOENIX-1780950 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-12
1789126 PHOENIX-1789126 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-20
1789524 PHOENIX-1789524 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-24
1789582 PHOENIX-1789582 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-2,54- 5
1888276 PHOENIX-1888276 Datasheet
136Kb / 7P
PCB terminal block - FFKDSA1/V-2,54- 9
1986615 PHOENIX-1986615 Datasheet
41Kb / 2P
PCB terminal block - FFKDSA1/V-2,54-15
1789074 PHOENIX-1789074 Datasheet
141Kb / 9P
PCB terminal block - FFKDSA1/V-2,54-16
09/12/2020
1789320 PHOENIX-1789320 Datasheet
442Kb / 12P
PCB terminal block - FFKDSA1/V-2,54- 3
Jan 10, 2023
1789595 PHOENIX-1789595 Datasheet
442Kb / 12P
PCB terminal block - FFKDSA1/V-2,54- 4
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com