Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789618 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1789618
Description  PCB terminal block - FFKDSA1/V-2,54- 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789618 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1789618 Datasheet HTML 1Page - PHOENIX CONTACT 1789618 Datasheet HTML 2Page - PHOENIX CONTACT 1789618 Datasheet HTML 3Page - PHOENIX CONTACT 1789618 Datasheet HTML 4Page - PHOENIX CONTACT 1789618 Datasheet HTML 5Page - PHOENIX CONTACT 1789618 Datasheet HTML 6Page - PHOENIX CONTACT 1789618 Datasheet HTML 7Page - PHOENIX CONTACT 1789618 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1789618
09/09/2021   Page 4 / 8
PCB terminal block - FFKDSA1/V-2,54- 2 - 1789618
Technical data
Air clearances and creepage distances
Minimum clearance - inhomogeneous field (III/3)
1.5 mm
Minimum clearance - inhomogeneous field (III/2)
1.5 mm
Minimum clearance - inhomogeneous field (II/2)
1.5 mm
Minimum creepage distance value (III/3)
1.6 mm
Minimum creepage distance value (III/2)
1.5 mm
Minimum creepage distance value (II/2)
1.6 mm
Temperature-rise test
Specification
IEC 60998-1:1990-04
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Current carrying capacity / derating curves
Caption
Type: FFKDS/V-2,54
Tested according to DIN EN 60512-5-2:2003-01
Reduction factor = 1
Number of positions: 5
Vibration test
Specification
IEC 60068-2-6:1982 + AMD 2:1985
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
5g (60.1 - 150 Hz)
Test duration per axis
2.5 h
Insulation resistance
Specification
IEC 60512-2:1985-00
Result
Test passed
Insulation resistance, neighboring positions
1012 Ω
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com