Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25XE321D Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25XE321D
Description  32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25XE321D Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25XE321D Datasheet HTML 35Page - Dialog Semiconductor AT25XE321D Datasheet HTML 36Page - Dialog Semiconductor AT25XE321D Datasheet HTML 37Page - Dialog Semiconductor AT25XE321D Datasheet HTML 38Page - Dialog Semiconductor AT25XE321D Datasheet HTML 39Page - Dialog Semiconductor AT25XE321D Datasheet HTML 40Page - Dialog Semiconductor AT25XE321D Datasheet HTML 41Page - Dialog Semiconductor AT25XE321D Datasheet HTML 42Page - Dialog Semiconductor AT25XE321D Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
Datasheet
2021-Aug-2
DS-AT25XE321D-160
Revision J
39
© 2021 Dialog Semiconductor
AT25XE321D
Datasheet
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory
with Multi-I/O Support
after the 8th clock (most significant bit of the command is transferred), hardware performs the operation. If the CS pin is raised
after the 9th or 10th clock (not a byte boundary), the operation is ignored and no ABh command is executed.
Similarly, if the ABh command fetches the device ID. Once the CS pin is asserted, 40 clock cycles are required: 8 clocks for the
command, 24 dummy clocks, and 8 clocks to shift out the device ID. If the CS pin is raised after the 40th clock, hardware transfers
the ID information, exits power-down mode, and completes the operation. However, if the CS pin is raised on the 41st of 42nd
clock (not a byte boundary), the ID information is still returned as that occurred in clocks 32 - 40, but the device does not exit
power-down mode.
4.14 ACTIVE STATUS INTERRUPT
When a program or erase operation is in progress, there are two ways to determine when the operation has finished.
Repeatedly poll bit 0 (RDY/BSY) of Status register 1 looking for a high to low transition.
Once the program or erase operation begins, execute the Active Status Interrupt (25h) command, and watch for a high to
low transition on the SO pin.
For example, assume a Byte/Page Program (02h) operation is initiated and 256 bytes are transferred into the buffer. Once the
CS pin is deasserted, indicating the completion of the 02h command, hardware sets the RDY/BSY bit and starts moving the data
to memory. Executing the 25h command causes hardware to drive the state of the RDY/BSY bit onto the SO pin. This allows
external logic to monitor the state of the SO pin for a high to low transition.
When the Active Status Interrupt (25h) command is used, the SO pin can be connected to an external interrupt controller. The
controller recognizes the high to low transition and takes the appropriate action. This command is an alternative to the polling of
the RDY/BSY bit in Status register 1 and uses less overhead than continually executing the 05h command to read the contents
of Status register 1.
4.15 LOW BATTERY DETECT
The AT25XE321D device includes a Low Battery Detect (EFh) command that can be used to probe the battery and determine its
status. The low battery detect function is programmable. Software uses Status register (SR6) to program parameters such as
what voltage level constitutes a low battery, and how much load is applied to the battery to determine the amount of charge left.
Another field sets the amount of time the desired load is applied to the battery.
Status register 6 is used in the following manner to determine the low battery status. For the exact programmable values for these
registers fields, see Section 5.4, Status Register 2.
1.
Program the LBVL field (bits 5:3) of SR6 to set the low battery detect level. When a test is performed, the device does not
indicate a low voltage level until that level falls below the value programmed into this field. Values range from 1.8V to
3.2V in 200 mV increments.
2.
Program the LBLD field (bits 2:1) of SR6 to indicate the amount of load applied to the battery for testing purposes. The
amount of load applied ranges from 0
μA to 10 mA.
3.
Program the LBD field (bit 0) to indicate the amount of time the load selected by the LBLD field is applied to the battery.
Values of 100
μs and 1 ms are supported.
4.
Execute the Low Battery Detect (EFh) command. This operation sets bits 7:6 (LBST) of SR6 to a value of 2’b01,
indicating that a low battery detect operation is in progress.
5.
Software can poll bits 7:6 of SR6 to determine whether the test has completed. As long as the value of these bits is 2’b01
the battery test is in progress. Alternatively, the active status interrupt (25h) command can be used to determine when the
test has completed. See the previous subsection for more information on the active status interrupt command.
6.
Once the operation is complete, bits 7:6 of SR6 indicate the result of the test. If the field contains a value of 2’b10, the
voltage of the battery is greater than the threshold set by the LBVL field. A value of 2’b11 indicates the voltage of the
battery is less than the threshold set by the LBVL field.
Bits 7:6 of SR6 can be reset by hardware when certain internal conditions are met. The user can reset this field by executing a
Terminate command (F0h). See Section 6.43, Low Battery Detect (EFh) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com