Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25XE321D Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # AT25XE321D
Description  32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25XE321D Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button AT25XE321D Datasheet HTML 93Page - Dialog Semiconductor AT25XE321D Datasheet HTML 94Page - Dialog Semiconductor AT25XE321D Datasheet HTML 95Page - Dialog Semiconductor AT25XE321D Datasheet HTML 96Page - Dialog Semiconductor AT25XE321D Datasheet HTML 97Page - Dialog Semiconductor AT25XE321D Datasheet HTML 98Page - Dialog Semiconductor AT25XE321D Datasheet HTML 99Page - Dialog Semiconductor AT25XE321D Datasheet HTML 100Page - Dialog Semiconductor AT25XE321D Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
Datasheet
2021-Aug-2
DS-AT25XE321D-160
Revision J
97
© 2021 Dialog Semiconductor
AT25XE321D
Datasheet
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory
with Multi-I/O Support
For this operation, the CS pin continues to be asserted after the 8th clock. In this operation, the CS pin is held low for the
time it takes to transfer the device ID. Therefore, 40 clocks are required to complete this operation; 8 for the command, 24
for the dummy bytes, and 8 clocks for the device ID.
The device ID is shifted out on the SO pin, with the most significant bit of the value being transmitted first. The device ID is
read out continuously until the CS pin is deasserted.
6.34.6 Transfer Sequence — Resume from Ultra-Deep Power-Down
To perform the resume from Ultra-Deep Power-Down operation, the CS pin is asserted and the information transferred as follows:
The ABh command is clocked into the device. Eight clocks are required to transfer the command. The most significant bit of
the command is transferred first.
Once CS is deasserted, hardware initiates an internal reset of the device and the SRAM contents are lost.
The device exits the Ultra-Deep Power-Down mode within the time tRUDPD defined in Section 7.5.
Figure 27 shows a timing diagram of this timing parameter.
Figure 27: Resume from Deep Power-Down or Ultra-Deep Power-Down
6.34.7 Programming Restrictions
The Resume from Deep Power-Down command adheres to the following programming restrictions.
The complete command must be clocked into the device before the CS pin is deasserted.
The CS pin must be deasserted on a byte boundary (multiple of eight bits). Otherwise, the device aborts the operation and
no action is taken.
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
t
RDPD
tRUDPD
Deep Power-Down mode or
Ultra-Deep Power-Down mode current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com