Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25XE321D Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT25XE321D
Description  32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25XE321D Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT25XE321D Datasheet HTML 44Page - Dialog Semiconductor AT25XE321D Datasheet HTML 45Page - Dialog Semiconductor AT25XE321D Datasheet HTML 46Page - Dialog Semiconductor AT25XE321D Datasheet HTML 47Page - Dialog Semiconductor AT25XE321D Datasheet HTML 48Page - Dialog Semiconductor AT25XE321D Datasheet HTML 49Page - Dialog Semiconductor AT25XE321D Datasheet HTML 50Page - Dialog Semiconductor AT25XE321D Datasheet HTML 51Page - Dialog Semiconductor AT25XE321D Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
Datasheet
2021-Aug-2
DS-AT25XE321D-160
Revision J
48
© 2021 Dialog Semiconductor
AT25XE321D
Datasheet
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory
with Multi-I/O Support
5.7 STATUS REGISTER 5
The following table shows the bit assignments for Status register 5.
Table 18: Status Register 5 Format
Bit #
Acronym
Name
Type
Default
Description
7
SRLOCK
Status Register
Lock
R
0
Hardware sets this bit when the user executes the Status
Register Lock (6Fh) command, immediately followed by
two verification bytes, 4Dh and 67h. Once this action oc-
curs, the Status registers can be permanently locked.
6:4
DC[2:0]
Dummy Clocks
R/W
000
This field indicates the number of dummy clocks to be in-
serted between the address and data transactions for the
EBh and E7h commands. Note that the dummy clocks in-
clude the 2 clocks required to clock in the M[7:0] bits.
000: 2 clocks
001: 4 clocks
010: 6 clocks
011: 8 clocks
100: 10 clocks.
101 - 111: Reserved
3
ES
Erase Suspend
R
0
This bit is set by hardware whenever an erase operation is
suspended.
2
PS
Program Suspend
R
0
This bit is set by hardware whenever a program operation
is suspended.
1
TERE
Terminate Enable
R/W
0
The TERE bit enables or disables the Terminate command.
Its encoding is:
0: Terminate command is disabled
1: Terminate command is enabled
When the TERE bit is cleared (the default state after power-
up), the Terminate command is disabled and any attempts
to reset the device using the Terminate command are ig-
nored. When the TERE bit is set, the Terminate command
is enabled.
The TERE bit retains its state as long as power is applied
to the device. Once set, the TERE bit remains in that state
until it is modified using the Write Status Register Byte 5
command or until the device has been power cycled.
0
DWA
Doubleword
Aligned
R/W
0
Setting the DWA bit indicates that the devices adheres to
double-word aligned addressing. This bit is only used when
the EBh (XiP DWA Read) command is executed and is
encoded as follows:
0: Double-word addressing is disabled
1: Double-word addressing is enabled
When this bit is set, the lower 2 bits of address are ignored
and assumed to be 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com