Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25XE321D Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25XE321D
Description  32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25XE321D Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25XE321D Datasheet HTML 17Page - Dialog Semiconductor AT25XE321D Datasheet HTML 18Page - Dialog Semiconductor AT25XE321D Datasheet HTML 19Page - Dialog Semiconductor AT25XE321D Datasheet HTML 20Page - Dialog Semiconductor AT25XE321D Datasheet HTML 21Page - Dialog Semiconductor AT25XE321D Datasheet HTML 22Page - Dialog Semiconductor AT25XE321D Datasheet HTML 23Page - Dialog Semiconductor AT25XE321D Datasheet HTML 24Page - Dialog Semiconductor AT25XE321D Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Datasheet
2021-Aug-2
DS-AT25XE321D-160
Revision J
21
© 2021 Dialog Semiconductor
AT25XE321D
Datasheet
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory
with Multi-I/O Support
A 1-1-4 Quad Output write operation is shown in Figure 13. An example of this operation is a Quad Output Byte/Page Program
(32h).
Figure 13: Quad Output Transfer — 1-Pin Command, 1-Pin Address, and 4-Pin Data — Write Operation
I/O0
(SI)
SCK
23
1
0
C
67
51
1
0
1
49
9
3
2
1
8
41
40
37 38
33
36
35
34
31 32
0
3
9
2
COMMAND
AAAA
AAA
AA
Address Bits A23-A0
I/O1
(SO)
High-Impedance
I/O2
(WP)
High-Impedance
I/O3
(HOLD)
High-Impedance
CS
CC
C
C
C
C
C
DATA
IN 1
DATA
IN 2
DATA
IN 3
DATA
IN 4
DATA
IN 5
D5 D1 D5 D1 D5 D1 D5 D1 D5 D1
D6 D2 D6 D2 D6 D2 D6 D2 D6 D2
MSB
MSB
MSB
MSB
MSB
D7 D3 D7 D3 D7 D3 D7 D3 D7 D3
D4 D0 D4 D0 D4 D0 D4 D0 D4 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com