Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB321E Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button AT45DB321E Datasheet HTML 39Page - Dialog Semiconductor AT45DB321E Datasheet HTML 40Page - Dialog Semiconductor AT45DB321E Datasheet HTML 41Page - Dialog Semiconductor AT45DB321E Datasheet HTML 42Page - Dialog Semiconductor AT45DB321E Datasheet HTML 43Page - Dialog Semiconductor AT45DB321E Datasheet HTML 44Page - Dialog Semiconductor AT45DB321E Datasheet HTML 45Page - Dialog Semiconductor AT45DB321E Datasheet HTML 46Page - Dialog Semiconductor AT45DB321E Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
42
AT45DB321E
8784L–DFLASH–3/2019
Note:
X = Dummy Bit
Table 14-7. Detailed Bit-level Addressing Sequence for Standard DataFlash Page Size (528 bytes)
1.
Shown to indicate when Auto Page Rewrite Operation is executed.
2.
Shown to indicate when Read Modify Write Operation is executed.
Page Size = 528-bytes
Address Byte
Address Byte
Address Byte
Additional
Dummy
Bytes
Opcode
Opcode
01h
0
0
0
0
0
0
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
02h
0
0
0
0
0
0
1
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
03h
0
0
0
0
0
0
1
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
0Bh
0
0
0
0
1
0
1
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
1
1Bh
0
0
0
1
1
0
1
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
2
32h
0
0
1
1
0
0
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
N/A
35h
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
N/A
50h
0
1
0
1
0
0
0
0
X
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
X
X
X
N/A
53h
0
1
0
1
0
0
1
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
55h
0
1
0
1
0
1
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
58h
(1)
0
1
0
1
1
0
0
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
58h
(2)
0
1
0
1
1
0
0
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
59h
(1)
0
1
0
1
1
0
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
59h
(2)
0
1
0
1
1
0
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
60h
0
1
1
0
0
0
0
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
61h
0
1
1
0
0
0
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
77h
0
1
1
1
0
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
N/A
79h
0
1
1
1
1
0
0
1
N/A
N/A
N/A
N/A
7Ch
0
1
1
1
1
1
0
0
X
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
N/A
81h
1
0
0
0
0
0
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
82h
1
0
0
0
0
0
1
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
83h
1
0
0
0
0
0
1
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
84h
1
0
0
0
0
1
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
B
B
B
B
B
B
B
B
B
B
N/A
85h
1
0
0
0
0
1
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
B
B
B
B
B
B
B
B
B
B
N/A
86h
1
0
0
0
0
1
1
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
87h
1
0
0
0
0
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
B
B
B
B
B
B
B
B
B
B
N/A
88h
1
0
0
0
1
0
0
0
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
89h
1
0
0
0
1
0
0
1
X
P
P
P
P
P
P
P
P
P
P
P
P
P
X
X
X
X
X
X
X
X
X
X
N/A
9Fh
1
0
0
1
1
1
1
1
N/A
N/A
N/A
N/A
B9h
1
0
1
1
1
0
0
1
N/A
N/A
N/A
N/A
ABh
1
0
1
0
1
0
1
1
N/A
N/A
N/A
N/A
B0h
1
0
1
1
0
0
0
0
N/A
N/A
N/A
N/A
D0h
1
1
0
1
0
0
0
0
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com