Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB321E Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button AT45DB321E Datasheet HTML 52Page - Dialog Semiconductor AT45DB321E Datasheet HTML 53Page - Dialog Semiconductor AT45DB321E Datasheet HTML 54Page - Dialog Semiconductor AT45DB321E Datasheet HTML 55Page - Dialog Semiconductor AT45DB321E Datasheet HTML 56Page - Dialog Semiconductor AT45DB321E Datasheet HTML 57Page - Dialog Semiconductor AT45DB321E Datasheet HTML 58Page - Dialog Semiconductor AT45DB321E Datasheet HTML 59Page - Dialog Semiconductor AT45DB321E Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
55
AT45DB321E
8784L–DFLASH–3/2019
23.
Read Operations
The following block diagram and waveforms illustrate the various read sequences available.
Figure 23-1. Block Diagram
Figure 23-2. Main Memory Page Read
Flash Memory Array
Page (512/528 bytes)
Buffer 2 (512/528 bytes)
Buffer 1 (512/528 bytes)
I/O Interface
Main Memory
Page To
Buffer 1
Main Memory
Page To
Buffer 2
Main Memory
Page Read
Buffer 1
Read
Buffer 2
Read
SO
CS
SI (Input)
SO (Output)
n
CMD
XX, PA12-6
PA5-0, BA9-8
BA7-0
X
X
Address for Binary Page Size
A21-A16
A15-A8
A7-A0
n
n + 1
4 Dummy Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com