Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 59 Page - Dialog Semiconductor

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB321E Datasheet(HTML) 59 Page - Dialog Semiconductor

Back Button AT45DB321E Datasheet HTML 55Page - Dialog Semiconductor AT45DB321E Datasheet HTML 56Page - Dialog Semiconductor AT45DB321E Datasheet HTML 57Page - Dialog Semiconductor AT45DB321E Datasheet HTML 58Page - Dialog Semiconductor AT45DB321E Datasheet HTML 59Page - Dialog Semiconductor AT45DB321E Datasheet HTML 60Page - Dialog Semiconductor AT45DB321E Datasheet HTML 61Page - Dialog Semiconductor AT45DB321E Datasheet HTML 62Page - Dialog Semiconductor AT45DB321E Datasheet HTML 63Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
58
AT45DB321E
8784L–DFLASH–3/2019
Figure 24-4. Main Memory Page Read (Opcode D2h)
Figure 24-5. Buffer Read (Opcode D4h or D6h)
Figure 24-6. Buffer Read – Low Frequency (Opcode D1h or D3h)
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
1
1
0
1
0
0
1
0
6
7
5
4
10 11
9
8
12
63
66 67
65
64
62
33 34
31 32
29 30
68
71 72
70
69
Opcode
A
A
A
A
A
A
A
A
A
MSB
X
X
X
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
Address Bits
32 Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
1
1
0
1
0
1
0
0
6
7
5
4
10 11
9
8
12
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
X
X
X
X
A
A
A
X
X
MSB
X
X
X
X
X
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
Address Bits
Binary Page Size = 15 Dummy Bits + BFA8-BFA0
Standard DataFlash Page Size =
14 Dummy Bits + BFA9-BFA0
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
1
1
0
1
0
0
0
1
6
7
5
4
10 11
9
8
12
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
X
X
X
X
A
A
A
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
Data Byte 1
High-impedance
Address Bits
Binary Page Size = 15 Dummy Bits + BFA8-BFA0
Standard DataFlash Page Size =
14 Dummy Bits + BA9-BFA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com