Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB321E Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT45DB321E Datasheet HTML 44Page - Dialog Semiconductor AT45DB321E Datasheet HTML 45Page - Dialog Semiconductor AT45DB321E Datasheet HTML 46Page - Dialog Semiconductor AT45DB321E Datasheet HTML 47Page - Dialog Semiconductor AT45DB321E Datasheet HTML 48Page - Dialog Semiconductor AT45DB321E Datasheet HTML 49Page - Dialog Semiconductor AT45DB321E Datasheet HTML 50Page - Dialog Semiconductor AT45DB321E Datasheet HTML 51Page - Dialog Semiconductor AT45DB321E Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
47
AT45DB321E
8784L–DFLASH–3/2019
17.3
DC Characteristics
Notes: 1.
Typical values measured at 3.0V at 25°C.
2.
I
CC2 during a Buffer Read is 20mA maximum @ 20MHz.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
UDPD
Ultra-Deep Power-Down Current
CS= V
CC. All other inputs at 0V or VCC
0.4
1
µA
I
DPD
Deep Power-Down Current
CS= V
CC. All other inputs at 0V or VCC
5
12
µA
ISB
Standby Current
CS= VCC. All other inputs at 0V or VCC
25
50
µA
I
CC1
Active Current, Low Power Read
(01h) Operation
f = 1MHz; I
OUT = 0mA
6
9
mA
f = 15MHz; I
OUT = 0mA
7
11
mA
I
CC2
(1)(2)
Active Current,
Read Operation
f = 50MHz; IOUT = 0mA
12
17
mA
f = 85MHz; I
OUT = 0mA
16
22
mA
I
CC3
Active Current,
Program Operation
CS=V
CC
12
18
mA
I
CC4
Active Current,
Erase Operation
CS=V
CC
12
18
mA
I
LI
Input Load Current
All inputs at CMOS levels
1
µA
ILO
Output Leakage Current
All inputs at CMOS levels
1
µA
V
IL
Input Low Voltage
V
CC x 0.3
V
V
IH
Input High Voltage
V
CC x
0.7
V
CC + 0.6
V
V
OL
Output Low Voltage
I
OL = 100µA
0.4
V
VOH
Output High Voltage
IOH = -100µA
VCC -
0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com