Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBEJLP41.32 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # KRTBEJLP41.32
Description  Indoor Video Walls
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEJLP41.32 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button KRTBEJLP41.32 Datasheet HTML 13Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 14Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 15Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 16Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 17Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 18Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 19Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 20Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
KRTB EJLP41.32
2019-02-28
17
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, IF = f (tp);
red (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, IF = f (tp);
blue (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, IF = f (tp);
true green (1 Chip on)
10-6 10-5 10-4 10-3 0.01 0.1 1
10
Pulse time / s
10
15
20
25
30
35
IF / mA
TS = 0°C ... 85°C
KRTBEJLP41.32
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-6 10-5 10-4 10-3 0.01 0.1 1
10
Pulse time / s
6
8
10
12
14
16
18
IF / mA
TS = 0°C ... 85°C
KRTBEJLP41.32
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-6 10-5 10-4 10-3 0.01 0.1 1
10
Pulse time / s
6
8
10
12
14
16
18
IF / mA
TS = 0°C ... 85°C
KRTBEJLP41.32
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com