Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBEJLP41.32 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KRTBEJLP41.32
Description  Indoor Video Walls
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEJLP41.32 Datasheet(HTML) 4 Page - OSRAM GmbH

  KRTBEJLP41.32 Datasheet HTML 1Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 2Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 3Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 4Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 5Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 6Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 7Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 8Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2019-02-28
4
KRTB EJLP41.32
Kennwerte
Characteristics
TS = 25 °C; IF = 10mA (red), 5mA (true green), 5mA (blue)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
peak
630
520
467
nm
Dominantwellenlänge3) Seite 27
(min.)
Dominant wavelength3) page 27
(typ.)
(max.)
dom
618
621*
625
522
526*
534
465
469*
473
nm
nm
nm
Spektrale Bandbreite bei 50 %
Irel max
(typ.)
Spectral bandwidth at 50 %
Irel max

16
33
25
nm
Abstrahlwinkel bei 50 %
IV (Vollwinkel)
(typ.)
Viewing angle at 50 %
IV
2
120
Grad
deg.
Durchlassspannung4) Seite 27
(min.)
Forward voltage4) page 27
(typ.)
(max.)
VF
VF
VF
1.7
1.9
2.4
2.5
2.9
3.3
2.7
2.9
3.3
V
V
V
Sperrstrom2) Seite 27
(typ.)
Reverse current2) page 27
(max.)
VR = 5V (blue/ true green); 10V (red)
IR
IR
0.02
1
0.01
1
A
A
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(typ.)
Junction/solder point
(max.)**
Rth JS real
Rth JS real
407
552
520
685
415
564
K/W
K/W
*
Einzelgruppen siehe
Seite 7
Individual groups on
page 7
**
Rth(max) basiert auf statistischen Werten
Rth(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com