Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBEJLP41.32 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # KRTBEJLP41.32
Description  Indoor Video Walls
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEJLP41.32 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button KRTBEJLP41.32 Datasheet HTML 19Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 20Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 21Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 22Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 23Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 24Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 25Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 26Page - OSRAM GmbH KRTBEJLP41.32 Datasheet HTML 27Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
2019-02-28
24
KRTB EJLP41.32
Kartonverpackung und Materialien
Transportation Packing and Materials
Dimensions of transportation box in mm
Breite / Width
Länge / length
Höhe / height
352
±5352 ±533 ±5
OHA02044
OSR
AM
Packing
Sealing label
Barcode label
M
oist
ur
e
Lev
el
3
Fl
oo
r t
im
e
16
8
H
ou
rs
Mo
is
tur
e
Le
ve
l 6
Floo
r t
im
e
6
Ho
urs
a)
H
um
id
ity
In
di
ca
to
r C
ar
d
is
> 1
0%
w
hen
re
ad
at
23
°C
±
5
°C
, or
re
flo
w,
va
po
r-ph
as
e
ref
lo
w
, o
r e
qu
ival
ent
pr
oce
ss
in
g
(p
ea
k
pa
ckag
e
2.
Af
te
r t
hi
s
bag
is
op
en
ed
, d
ev
ice
s
th
at
w
ill b
e
su
bj
ec
te
d
to
inf
ra
re
d
1.
Sh
elf
lif
e
in
sea
le
d
ba
g:
24
m
on
th
s
at
<
40
°C
an
d
<
90
%
rel
at
iv
e
hu
m
id
ity
(R
H)
.
M
oi
st
ure
Le
ve
l 5
a
at
fa
ct
or
y
con
di
tio
ns
o
f
(if
bl
an
k,
se
al
da
te
is
ide
nt
ica
l w
ith
da
te
co
de)
.
a)
M
oun
ted
wi
th
in
b)
St
ore
d
at
bo
dy
te
m
p.
3.
D
ev
ice
s
re
qui
re
ba
ki
ng
, bef
ore
m
ou
nt
in
g,
if:
Ba
g
se
al
da
te
M
ois
tu
re
Le
ve
l 1
Mo
is
tu
re
Le
ve
l 2
M
ois
tur
e
Le
ve
l 2
a
4.
If
ba
king
is
re
qu
ire
d,
b)
2a
or
2b
is
no
t me
t.
D
at
e
and
tim
e
op
en
ed:
ref
eren
ce
IP
C
/J
ED
EC
J-ST
D
-03
3
fo
r b
ake
pr
oce
du
re.
Fl
oo
r t
ime
se
e b
elo
w
If
bl
an
k,
se
e
ba
r co
de
la
be
l
Fl
oo
r tim
e
>
1
Ye
ar
Fl
oo
r t
im
e
1
Ye
ar
Flo
or
time
4
W
ee
ks
10
%
R
H
.
_
<
M
oi
st
ur
e
Lev
el
4
M
oi
st
ur
e L
ev
el
5
°C
).
O
PT
O
S
E
M
IC
O
N
DU
CT
ORS
MO
IS
TUR
E
SEN
S
ITI
V
E
T
h
is
ba
g
co
nta
in
s
CA
U
T
IO
N
Flo
or
tim
e
7
2
H
ou
rs
Fl
oo
r t
ime
48
Ho
urs
Fl
oo
r t
ime
24
H
ou
rs
30
°C
/6
0%
RH
.
_
<
LE
VE
L
If
bl
an
k,
se
e
ba
r c
od
e
la
be
l
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com