Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661ASTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMA661ASTR
Description  GPS HIGH GAIN LNA ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661ASTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SMA661ASTR Datasheet HTML 2Page - STMicroelectronics SMA661ASTR Datasheet HTML 3Page - STMicroelectronics SMA661ASTR Datasheet HTML 4Page - STMicroelectronics SMA661ASTR Datasheet HTML 5Page - STMicroelectronics SMA661ASTR Datasheet HTML 6Page - STMicroelectronics SMA661ASTR Datasheet HTML 7Page - STMicroelectronics SMA661ASTR Datasheet HTML 8Page - STMicroelectronics SMA661ASTR Datasheet HTML 9Page - STMicroelectronics SMA661ASTR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SMA661AS
6/10
Figure 13. Application Board
Table 5. Bill of Material
Component
Value
Type
Manufacturer
Function
C1
1uF (electrolytic)
Case_A
Various
Supply Filter
C2
47 pF
0603
Murata (GRM18)
RF Bypass
C3
33 nF
0603
Murata (GRM18)
Input dc block / IIP3
improvement
C5
47 pF
0603
Murata (GRM18)
RF Bypass
C6
1 uF (electrolytic)
Case_A
Various
Supply Filter
J1
-
142-0711-841
(SMA_Female)
Johnson
RF Input connector
J2
-
142-0711-841
(SMA_Female)
Johnson
RF Output connector
U1
-
SOT666
STMicroelectronics
SMA661AS GPS LNA
Substrate
-
FR4
18mm x 20mm x 1.1mm
Various
Layer = 3 (see Figures 14/15)
C1
1uF
C2
47p
J1
RF IN
J2
RF OUT
C3
33nF
1
2
JP1
Vcc
PD
3
GND
2
RFin
1
Vcc
6
GND
5
RFout
4
U1
SMA661
VPdown
C5
47p
C6
1uF
SMA661AS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com