Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661ASTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA661ASTR
Description  GPS HIGH GAIN LNA ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661ASTR Datasheet(HTML) 1 Page - STMicroelectronics

  SMA661ASTR Datasheet HTML 1Page - STMicroelectronics SMA661ASTR Datasheet HTML 2Page - STMicroelectronics SMA661ASTR Datasheet HTML 3Page - STMicroelectronics SMA661ASTR Datasheet HTML 4Page - STMicroelectronics SMA661ASTR Datasheet HTML 5Page - STMicroelectronics SMA661ASTR Datasheet HTML 6Page - STMicroelectronics SMA661ASTR Datasheet HTML 7Page - STMicroelectronics SMA661ASTR Datasheet HTML 8Page - STMicroelectronics SMA661ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
October 2005
SMA661AS
GPS HIGH GAIN LNA ICs
Rev. 2
GENERAL FEATURES
■
LOW NOISE FIGURE 1.4 dB @ 1.575 GHz
■
HIGH GAIN 17 dB @ 1.575 GHz
■
POWER DOWN FUNCTION
■
TEMPERATURE COMPENSATED
■
UNCONDITIONALLY STABLE
■
INTEGRATED OUTPUT MATCHING
■
ESD PROTECTION (
± 2kV HBM)
■
70 GHz Silicon Germanium TECHNOLOGY
■
LEAD-FREE STRAIGHT PACKAGE (SOT666)
APPLICATIONS
■
GPS
DESCRIPTION
SMA661AS is a product of the
SMA
Family
(Silicon MMIC Amplifiers), it uses ST state-of-the
art SiGe BiCMOS technology.
The excellent RF performances (17dB Gain and
1.4dB NF at 1.575GHz) and the few external
component counts (just one capacitor) make the
SMA661AS an ideal solution for GPS Low Noise
Amplifier. SMA661AS embeds a power down
function avoiding to use an external switch; in
power down mode (VPD ≤ VPDL ) the current con-
sumption is about 10 nA. It is housed in ultra min-
iature SOT666 plastic
package
(1.65mm x
1.2mm x 1.57mm).
Figure 1. Package
Table 1. Pin Connection
Table 2. Order Codes
Figure 2. Circuit Schematic
Pin No.
Pin Name
1RF IN
2GND
3PD
4RF OUT
5GND
6Vcc
Top View
34
1
2
5
6
SOT666 (Lead-Free)
1.65 x 1.2 x 0.57 mm
Package
Tape and Reel
SOT666
SMA661ASTR
SMA661AS
RF input
RF IN (1)
VCC (6)
GND (2,5)
RF Output
C1
RF OUT(4)
PD (3)
33nF
PRELIMINARY DATA


Similar Part No. - SMA661ASTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
414Kb / 14P
Fully integrated GPS LNA IC
04-Apr-2007
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
Fully integrated GPS LNA IC
04-Apr-2007
More results

Similar Description - SMA661ASTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA204ALB002 ETC2-MA204ALB002 Datasheet
3Mb / 25P
GPS/GLONASS - High gain LNA up to 28dB
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Taoglas antenna solutio...
MA203.A.AB.035 TAOGLAS-MA203.A.AB.035 Datasheet
1Mb / 10P
GPS-High gain LNA up to 32dB
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Will Semiconductor Ltd.
WS7916DC WILLSEMI-WS7916DC Datasheet
917Kb / 7P
CMOS High Gain GPS LNA
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
CMOS High Gain GPS LNA
WS7918DC WILLSEMI-WS7918DC Datasheet
915Kb / 7P
CMOS High Gain GPS LNA
WS7919S WILLSEMI-WS7919S Datasheet
729Kb / 9P
CMOS High Gain GPS LNA
logo
Qorvo, Inc
TQP3M9018 QORVO-TQP3M9018 Datasheet
729Kb / 12P
High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com