Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661ASTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMA661ASTR
Description  GPS HIGH GAIN LNA ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661ASTR Datasheet(HTML) 2 Page - STMicroelectronics

  SMA661ASTR Datasheet HTML 1Page - STMicroelectronics SMA661ASTR Datasheet HTML 2Page - STMicroelectronics SMA661ASTR Datasheet HTML 3Page - STMicroelectronics SMA661ASTR Datasheet HTML 4Page - STMicroelectronics SMA661ASTR Datasheet HTML 5Page - STMicroelectronics SMA661ASTR Datasheet HTML 6Page - STMicroelectronics SMA661ASTR Datasheet HTML 7Page - STMicroelectronics SMA661ASTR Datasheet HTML 8Page - STMicroelectronics SMA661ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SMA661AS
2/10
Table 3. Absolute Maximum Ratings
ELECTRICAL CHARACTERISTICS
(Ta = +25
oC, Vcc = 2.7 V, ZL = ZS = 50 ohm, unless otherwise specified; measured according to Figure 13)
Table 4. Electrical Characteristics
Note: (1) The device is switched to OFF state
(2) The device is switched to ON state
Symbol
Parameter
Conditions
Value
Unit
Vcc
Supply voltage
3.3
V
Tstg
Storage temperature
-60 to +150
oC
Ta
Operating ambient temperature
-40 to +85
oC
VESD
Electrostatic Discharge
HBM (ALL PINs)
± 2000
V
VESD
Electrostatic Discharge
MM (ALL PINs)
± 200
V
Symbol
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
f
Frequency
1575
MHz
Vcc
Supply voltage
2.53
2.7
2.87
V
Icc
Current Consumption
8.5
mA
IPD
Power Down Mode
Current Consumption
VPD ≤ VPDL
10
nA
Gp
Power gain
17
dB
NF
Noise figure
1.4
dB
IIP2
Input IP2
f1 = 849 MHz, f2 = 2424 MHz,
Pin = -30 dBm
0.5
dBm
IIP3
Input IP3
f1 = 1574.5 MHz, f2 = 1575.5 MHz,
Pin = -30 dBm
3dBm
ISL
Reverse Isolation
-28
dB
RLin
Input Return Loss
f = 1500-1650 MHz
10
dB
RLout
Output Return Loss
f = 1500-1650 MHz
10
dB
VPDL
(1)
Power Down Low State
0.5
V
VPDH
(2)
Power Down High State
1.0
V
Stability
100 - 10000 MHz
Unconditionally stable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com