Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661ASTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA661ASTR
Description  GPS HIGH GAIN LNA ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661ASTR Datasheet(HTML) 4 Page - STMicroelectronics

  SMA661ASTR Datasheet HTML 1Page - STMicroelectronics SMA661ASTR Datasheet HTML 2Page - STMicroelectronics SMA661ASTR Datasheet HTML 3Page - STMicroelectronics SMA661ASTR Datasheet HTML 4Page - STMicroelectronics SMA661ASTR Datasheet HTML 5Page - STMicroelectronics SMA661ASTR Datasheet HTML 6Page - STMicroelectronics SMA661ASTR Datasheet HTML 7Page - STMicroelectronics SMA661ASTR Datasheet HTML 8Page - STMicroelectronics SMA661ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SMA661AS
4/10
TYPICAL PERFORMANCE (Vcc = 2.7 V, ZL = ZS = 50 ohm, unless otherwise specified; measured
according to Figure 13)
Figure 9. Current Consumption vs Temp.
Figure 10. Gain Power Down Vs Temperature
Figure 11. Power Down Current Vs Temp.
7.5
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
-40
25
+85
T (°C)
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
-40
25
+85
T (°C)
0
10
20
30
40
50
60
-40
-15
10
35
60
85
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com