Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC02-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCC02-E Datasheet HTML 3Page - STMicroelectronics STCC02-E Datasheet HTML 4Page - STMicroelectronics STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics STCC02-E Datasheet HTML 10Page - STMicroelectronics STCC02-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STCC02-ED5
7/13
Table 5: Tentative Electrical Characteristics (TJ = 25°C, VCC = 12V, unless otherwise specified)
Symbol
Pin
Name
Conditions
Min.
Typ
Max.
Unit
Voltage supply
VDD
VDD
Output voltage supply
IDD = 5 to 20mA
Tamb = - 10 to 80°C
VIN = 7 to 27V
CDD = 10µF
4.5
5
5.5
V
VIN
VIN
Input supply voltage
7
27
V
ISQ
VIN
Quiescent supply current VDD = 5V, IDD = 0 (open)
1.25
2.5
mA
ISM
VIN
Internal circuit current
(IIN - IDS)
VIN1 = VIN2 = VIN3 = VDD
IDD = 20 mA
1.9
3
mA
IIN_SC
VIN
Limiting input current
VDD = 0V
Output in short circuit
45
90
mA
Reset circuit
VH
/RST
Disabling reset threshold
4.25
4.5
V
VL
Enabling reset threshold
3.3
3.75
V
VHYS
Threshold hysteresis
0.3
0.5
V
TUP
Disabling reset delay
time
CUP = 47nF
1
6
ms
TDW
Enabling reset daly time
CUP = 47nF
45
µs
Zero Voltage synchronization circuit
TD
SYN
ZVS
Transition filtering time
VTF = 0 to VCC rising and
falling step
10
30
70
µs
VTH
SYN
Transition threshold
0.4
0.6
0.9
V
ISYN
SYN
Input activating current
RZV = 10kΩ,VSYN = 24V
0.8
2
mA
Door closed detection circuit
VDS H
DS
Closed door detection
7
27
V
VDS L
Open door detection
0.5
V
IDS
Internal input current
VDS = 27V
1.6
2.3
mA
Door closed detection, zero voltage synchronization, reset circuits
VOH
CDD
/RST
ZVS
High level output voltage
0.8 VDD
V
VOL
Low level output voltage
0.2 VDD
V
Fan relay coil driver
IIN1
IN1
Input activating current
VIN1 = VDD
300
800
µA
VON
FAN1
On state output voltage
ION = 100mA, VIN1 > 3.5V
1
1.5
V
VFAN1 H
Off state output voltahe
VIN1 < 1V, RL = 110Ω
0.9 VCC
VCC
V
Magnetron relay coil driver
IIN2
IN2
Input activating current
VIN2 = VDD, VFAN1 < 1.5V
300
800
µA
VON
MAG2
On state output voltage
ION = 100mA, VIN2 > 3.5V
VFAN1 < 1.5V
1
1.5
V
VMAG2 H
Off state output voltage
VIN2 < 1V, RL = 110Ω
0.9 VDS
VDS
V
Buzzer driver
IIN3
IN3
Input activating current
VIN3 = VDD
60
200
µA
FBUZ
Buzzer PWM frequency
Duty cycle = 50%
2
kHz
VBUZ3 H
BUZ3
Off state output voltage
VIN1 < 1V
0.9 VCC
VCC
V
VON
On state output voltage
ION = 10mA, VIN3 > 3.5V
1.2
1.8
V
RBUZ
Buzzer resistance to VCC
1.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com