Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC02-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics STCC02-E Datasheet HTML 10Page - STMicroelectronics STCC02-E Datasheet HTML 11Page - STMicroelectronics STCC02-E Datasheet HTML 12Page - STMicroelectronics STCC02-E Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STCC02-ED5
9/13
APPLICATION RECOMMENDATIONS
■ EVALUATION OF THE STCC02 DISSIPATION IN ITS APPLICATION
In order to define accurately at which maximum input supply voltage the STCC02 can work safely, the dis-
sipated power has to be evaluated. Indeed, the STCC02 device can withstand voltages up to 30V, as
specified in the table 1 "ABSOLUTE RATINGS" section.
However, when the VIN voltage is high, it will also increase the power dissipation PDIS and the junction
temperature TJ of the whole circuit.
For the evaluation of the maximum junction temperature, the following equation should be used to calcu-
late dissipated power:
PDIS = (VIN – VDD) × IDD + VIN . IQ + VON × (IM@FAN1 + IM@MAG2 + IM@BUZ3) +
Indeed, the power dissipation is mainly due to the regulator and to the currents sunk by the three driver
outputs FAN1, MAG2, and BUZ3.
Furthermore, the input voltage VIN is linked to the relays conduction in most applications. When the relay
coils are driven, the storage supply capacitor is discharged and VINis no longer equal to the peak voltage
of the transformer secondary winding. In this case, VIN should approach the average value of the second-
ary voltage. This value is then approximately 36% lower that in stand-by operation, as explained by the
following equation:
VIN (relays_on)
×
VIN (relays_off)
When the relays are off, the dissipation losses formula is:
PDIS = (VIN – VDD) × IDD × IQ +
For instance if VIN = 27V, VDD = 5V, IQ = 2.5mA, IDD = 20mA, RBUZ = 1.5kΩ, τ = duty cycle = 50%, the
dissipated power in the STCC02 is evaluated at 0.68W.
When the relays are on, the full formula of the dissipation losses is applied. For instance in the
same AC line conditions with the relays on, VIN drops down to 17.5V. Considering IM BUZ3 = 10mA,
IM FAN1 = IM MAG2 = 100mA and VON = 1.5V, the dissipated power in the STCC02 becomes 0.67W.
The maximum junction temperature is given by:
TJ max = TAMB max + Rth (j – |a) × PDIS
The maximum allowed input supply voltage is then chosen in order to keep the junction temperature below
its maximum operating value 150°C.
Since the maximumjunction temperature is 150°C, the maximum ambient temperature TAMB is 80°C in this
application, and the thermal resistance is 100°C/W, the maximum allowed dissipation becomes 0.70 W.
The two dissipation cases described above are compatible with the package dissipation capability.
Otherwise, the ambient temperature TAMB, the input voltage VIN or the load current IDD should limited by
design to meet the circuit thermal requirements.
V
IN
V
ON
–
1.2
R
BUZ
×
----------------------------
τ
×
2
π
--
≈
V
IN
V
ON
–
1.2
R
BUZ
×
----------------------------
τ
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com