Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC02-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics STCC02-E Datasheet HTML 10Page - STMicroelectronics STCC02-E Datasheet HTML 11Page - STMicroelectronics STCC02-E Datasheet HTML 12Page - STMicroelectronics STCC02-E Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STCC02-ED5
10/13
IMMUNITY IMPROVEMENT OF STCC02 AND ITS MICROCONTROLLER
Some basic rules can be applied to improve the STCC02 immunity in its application:
- The power grounds of VCC and DS should be split from the signal ground VSS.
(1)
- The STCC02 is placed as close as possible of the MCU;
(2)
- The supply capacitors would increase the system immunity by being placed closed to the blocks they
feed;
(3)
- Wide supply copper plane should be avoided to reduce sensitivity to radiated interferences.
More specifically with the STCC02 circuit,
- A decoupling capacitor can be put on the STCC02 pins SYN and the MCU reset pin;
(4)
- Depending of the PCB layout quality, others capacitors may be put on sensitive pins such as the output
regulator pin VDD, the synchronization circuit pin ZVS or the door switch pin DS.
The power door switch is a well-identified electrical noise source for the electronic board. Its effect should
be reduced as much as possible. For instance, its power wires should be twisted together and split from
other wires. Its signal wires should be also twisted; and on the PCB, the VCC forward track and the DS
signal reward track should be linked to reduce EMI on the signal DS.
(5)
ELECTROMAGNETIC COMPATIBILITY TEST CIRCUIT
Standards such IEC61000-4-X evaluate the electro-
magnetic compatibility of appliance systems. To test
the immunity level of the STCC02 to the IEC61000-4-
4 (transient bursts), a board representative of usual
control unit for microwave oven has been developed,
as shown on top of page 11. One characteristics of
the IEC61000-4-4 test, is that no measurement
equipment can be connected to the tested system, as
it would corrupt the test results. That is why this board
includes a remote monitoring circuit based on optic
fibers. Thus, without any electrical link with an oscillo-
scope, it is possible to monitor the VDD voltage as
well as the RESET or the ZVS outputs of the
STCC02, during the IEC61000-4-4 test. This optical
link detects parasitic commutations of outputs as
short as 60ns.
With this board, and the burst generator coupled to the mains as specified in the IEC61000-4-4 standard
(see the above principle diagram), the STCC02 has been tested successfully at 4kV.
VDD
VDD
VIN
VIN
VCC
DOOR
SWITCH
RELAY
COIL
DS
Relay
Drive
5v REG
Reset
RST \
RST \
COM
MCU
STCC02
VSS
1
1
4
3
3
5
4
2
tr : 5 ns
tp : 50 ns
MAINS
0.5 kV to 4 kV
BURST COUPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com