Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC02-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 1 Page - STMicroelectronics

  STCC02-E Datasheet HTML 1Page - STMicroelectronics STCC02-E Datasheet HTML 2Page - STMicroelectronics STCC02-E Datasheet HTML 3Page - STMicroelectronics STCC02-E Datasheet HTML 4Page - STMicroelectronics STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
®
1/13
STCC02-ED5
CONTROL CIRCUIT FOR HOME APPLIANCE
MCU BASED APPLICATION
December 2004
REV. 1
APPLICATIONS
Microwaves oven analog and power driver control
Home Appliance digital control
FEATURES
Wide range input supply voltage operation:
7 to 27 V
5 V ± 10% full tolerance Voltage Regulator
MCU reset circuit with activation delay timer
and 45µs digital noise filter
Highly immune and 30 µs filtered Zero Voltage
Synchronization
Door Closed detection adaptation
One 100 mA fan relay coil driver with
demagnetizing diode
One 100 mA magnetron relay coil driver with
demagnetizing diode including down lock cir-
cuit based on fan drive output state
One 17 mA buzzer driver
Ambient temperature: - 10 to 80 °C
BENEFITS
Higher module compactness with reduced
component count
Drastic reduction of soldered pins on the board
for faster module assembly time and lower use
of lead
High ESD robustness and transient burst immu-
nity compliant with IEC61000-4 standards
Enhanced functional reliability
Accurate MCU supply for better Analog to Digi-
tal Conversion
Enhanced circuit parametric quality
Easy to design for short time to market
DIP-16
Figure 1: Pin Configuration (ball side)
VIN
DLC
SYN
DS
MAG2
/RST
CDD
IN3
BUZ3
IN1
IN2
ZVS
VDD
1
2
3
4
5
6
7
89
12
11
10
13
14
15
16
COM
VCC
FAN1
Table 1. Order Code
Part Number
Marking
STCC02-ED5
STCC02-E


Similar Part No. - STCC02-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
STCC08RL STMICROELECTRONICS-STCC08RL Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
More results

Similar Description - STCC02-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
logo
Inchange Semiconductor ...
3P4M ISC-3P4M Datasheet
120Kb / 1P
Motor speed control for household appliance.
logo
E-CMOS Corporation
ECF2100 E-CMOS-ECF2100 Datasheet
525Kb / 5P
RFID smart Gateway for Home automation control
logo
EXCEL CELL ELECTRONIC C...
ETRRE ECE-ETRRE Datasheet
185Kb / 4P
HOME APPLICATION RELAY
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
HOME APPLICATION RELAY
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
HOME APPLICATION RELAY
ETRGI ECE-ETRGI Datasheet
117Kb / 3P
HOME APPLICATION RELAY
ETRGL ECE-ETRGL Datasheet
155Kb / 4P
HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
HOME APPLICATION RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com